Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP903-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TIP903-DOC
Description  Three Channel Extended CAN Bus
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TIP903-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TIP903-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TIP903-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TIP903
Three Channel Extended CAN Bus
Application Information
The TIP903 is an IndustryPack
 compatible module with
three extended CAN bus interfaces using three 82527
CAN controllers.
The controllers support the standard data and remote
frame as well as the extended data and remote frame
according to CAN specification 2.0 part A and part B
(standard 11 bit identifier and extended 29 bit identifier).
It has the capability to transmit, receive and perform
message filtering on extended and standard messages.
The TIP903 supports a 16 bit bus interface which permits
word and byte accesses to the internal registers of the
three CAN controllers. The physical interface supports
CAN High Speed according to ISO11898 for each of the
three channels.
The bus line termination is selectable by jumpers separate
for each bus line. The data transfer rates of up to 1 Mbps
are supported for a bus line length of 40 m.
Software Support (TIP903-SW-xx) for different operating
systems is available.
Technical Information
 Form Factor: Single-Size IndustryPack Module
 Board size: 45.73mm x 99.09mm
 Identification-PROM supports auto-configuration
 8 MHz IP Clock
 Three CAN Bus interfaces based on 82527 CAN
Controller
 Support of CAN specification 2.0 Part A and B
(standard and extended data frames)
 Programmable global mask
 15 message objects of 8 byte data length
 Powerful error handling
 Programmable transfer rates
 Physical interface CAN High Speed ( according to
ISO 11898) per channel
 Maximum transfer rate 1 Mbit/s (bus length up to
40m)
 Operating temperature -40°C to +85°C
 MTBF (MIL-HDBK217F/FN2 GB 20°C)
TIP903: 1418000 h
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.1.1
2017-08-24
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TIP903-DOC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIP9013 ETC-TIP9013 Datasheet
55Kb / 1P
NPN SILICON TRANSISTOR
More results

Similar Description - TIP903-DOC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9615 STMICROELECTRONICS-L9615 Datasheet
137Kb / 8P
CAN BUS TRANSCEIVER
Feb-1998
logo
Digital Core Design
DCAN DCD-DCAN Datasheet
144Kb / 3P
Configurable CAN Bus Controller
logo
Axiomtek Co., Ltd.
EBOX310-830-FL AXIOMTEK-EBOX310-830-FL Datasheet
504Kb / 2P
Optional CAN Bus support
EBOX620-831-FL AXIOMTEK-EBOX620-831-FL Datasheet
342Kb / 1P
Supports CAN bus
IPC912-211-FL-CAN AXIOMTEK-IPC912-211-FL-CAN Datasheet
544Kb / 2P
Supports CAN Bus module
logo
STMicroelectronics
L9615D013TR STMICROELECTRONICS-L9615D013TR Datasheet
132Kb / 8P
CAN BUS TRANSCEIVER
Sep-2013
logo
ON Semiconductor
ESDONCAN1 ONSEMI-ESDONCAN1 Datasheet
98Kb / 5P
CAN/CAN-FD Bus Protector
August, 2013 ??Rev. 0
logo
Mallory performance clu...
7740 MALLORY-7740 Datasheet
160Kb / 2P
CAN-Bus Hub
logo
ON Semiconductor
ESDONCAN1 ONSEMI-ESDONCAN1_16 Datasheet
85Kb / 5P
CAN/CAN-FD Bus Protector
October, 2016 ??Rev. 1
logo
Infineon Technologies A...
PEB3081 INFINEON-PEB3081 Datasheet
2Mb / 190P
S/T Bus Interface Circuit Extended
DS 1, Feb. 2003
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com