Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPM-9700AG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPM-9700AG
Description  1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps Multi-Mode Single-Fiber SFP Transceiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPM-9700AG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPM-9700AG Datasheet HTML 1Page - Optoway Technology Inc SPM-9700AG Datasheet HTML 2Page - Optoway Technology Inc SPM-9700AG Datasheet HTML 3Page - Optoway Technology Inc SPM-9700AG Datasheet HTML 4Page - Optoway Technology Inc SPM-9700AG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPM-9700G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
3/1/2006
V2.0
1
SPM-9700G / SPM-9700BG / SPM-9700AG
(RoHS Compliant)
SPM-9700LG / SPM-9700BLG / SPM-9700ALG
1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps Multi-Mode Single-Fiber SFP Transceiver
**********************************************************************************************************************************************************************
FEATURES
l 1-Fiber Bi-Directional SFP Optical Transceiver
l Simplex SC Connector: SPM-9700G
l Simplex LC Connector: SPM-9700LG
l Tri-rate for OC-48 / STM-16, Gigabit Ethernet
1000BASE & Fibre Channel
l 1550 nm LD Transmitter
l 1310 nm Receiver
l 300 m link for Multi-mode Fiber
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l 0 to 70oC Operation: SPM-9700G
l -10 to 85oC Operation: SPM-9700BG
l -40 to 85oC Operation: SPM-9700AG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l WDM OC-48 / STM-16 Links
l Gigabit Ethernet Interconnect
l Fibre Channel Links
DESCRIPTION
The SPM-9700G series is high performance multi-mode
module for OC-48 / STM-16 and Gigabit Ethernet
1000BASE fiber communications by using 1550 nm
transmitter and 1310 nm receiver. It is with the SFP 20-pin
connector to allow hot plug capability. The transmitter
section uses a multiple quantum well 1550 nm laser and is
a class 1 laser compliant according to International Safety
Standard IEC 60825. The receiver section uses an integrated
1310 nm detector preamplifier (IDP) mounted in an optical
header and a limiting post-amplifier IC.
LASER SAFETY
This multi-mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
Distance
(m)
TX
(nm)
RX
(nm)
Package
Temp
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPM-9700G
2.5
300
1550
1310
SC SFP
0 to 70
0 to -9
-15
Yes
SPM-9700BG
2.5
300
1550
1310
SC SFP
-10 to 85
0 to -9
-15
Yes
SPM-9700AG
2.5
300
1550
1310
SC SFP
-40 to 85
0 to -9
-15
Yes
SPM-9700LG
2.5
300
1550
1310
LC SFP
0 to 70
0 to -9
-15
Yes
SPM-9700BLG
2.5
300
1550
1310
LC SFP
-10 to 85
0 to -9
-15
Yes
SPM-9700ALG
2.5
300
1550
1310
LC SFP
-40 to 85
0 to -9
-15
Yes


Similar Part No. - SPM-9700AG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-9700AG OPTOWAY-SPM-9700AG Datasheet
177Kb / 6P
1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps Multi-Mode Single-Fiber SFP Transceiver
SPM-9700AG OPTOWAY-SPM-9700AG Datasheet
177Kb / 6P
2.5 Gbps Multi-Mode Single-Fiber SFP Transceiver
More results

Similar Description - SPM-9700AG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9605G OPTOWAY-SPB-9605G Datasheet
172Kb / 5P
1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9620G OPTOWAY-SPB-9620G Datasheet
172Kb / 5P
1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9640G OPTOWAY-SPB-9640G Datasheet
171Kb / 5P
1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9740G OPTOWAY-SPB-9740G Datasheet
171Kb / 5P
1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPM-9600G OPTOWAY-SPM-9600G Datasheet
172Kb / 5P
1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps Multi-Mode Single-Fiber SFP Transceiver
SPB-9605G OPTOWAY-SPB-9605G_08 Datasheet
177Kb / 6P
1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9640G OPTOWAY-SPB-9640G_08 Datasheet
177Kb / 6P
1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9720G OPTOWAY-SPB-9720G_08 Datasheet
177Kb / 6P
1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPM-9700G OPTOWAY-SPM-9700G_08 Datasheet
177Kb / 6P
1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps Multi-Mode Single-Fiber SFP Transceiver
SPM-9600G OPTOWAY-SPM-9600G_08 Datasheet
176Kb / 6P
1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps Multi-Mode Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com