Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2948 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # 2948
Description  Low Phase Noise Communications Service Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

2948 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  2948 Datasheet HTML 1Page - Aeroflex Circuit Technology 2948 Datasheet HTML 2Page - Aeroflex Circuit Technology 2948 Datasheet HTML 3Page - Aeroflex Circuit Technology 2948 Datasheet HTML 4Page - Aeroflex Circuit Technology 2948 Datasheet HTML 5Page - Aeroflex Circuit Technology 2948 Datasheet HTML 6Page - Aeroflex Circuit Technology 2948 Datasheet HTML 7Page - Aeroflex Circuit Technology 2948 Datasheet HTML 8Page - Aeroflex Circuit Technology 2948 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
quency translation. Channel stepping can be performed by defining
an increment and then using the FREQ
keys. This is particular-
ly useful when testing multi-channel systems.
Live Look and Listen
This feature puts the 2948 above all of its peers with the ability to
examine signals on the screen and demodulate them simultaneously.
Intermittent interference can be isolated quickly and the signals then
easily identified. The trace can be saved to memory card along with
the time and date, providing factual evidence that can be recalled
later. This feature is particularly useful when looking for rogue trans-
missions, especially on busy base station sites.
From 2 µV to 150 Watts
The 2948 measures the power of low level signals such as those
encountered when monitoring off-air signals or those found when
probing a circuit. 150 Watts measurement is provided without the
need for external attenuators, so the high power of base stations can
be measured directly. Measurement accuracy of better than 10% is
guaranteed all the way down to 5 mW on the N-Type connector, allow-
ing cellular radios to be qualified at low power levels.
Accurate RF Signals
The signal generator provides coverage from 400 kHz to 1.05 GHz
with +5 dBm output (+7 dBm overrange) and fast switching speed.
Level accuracy is ±2 dB at all levels above -127 dBm.
Duplex - provided as standard
Full duplex operation is provided by the 2948. This allows testing of
duplex radios as well as simultaneous testing of repeater transmit and
receive paths. There are no restrictions to the duplex offset.
Cellular and Trunking - built in
AMPS, TACS and NMT analog cellular standards are available inter-
nally, with all country variants provided in each package. Trunking for
MPT 1327/1343 and variants of them is also available.
A new trunking capability has been added with the introduction of
EDACS™ Radio and Repeater test capability.
Remote control of the inbuilt tests is provided, so that measurements
can be started and results logged automatically.
Network Simulation
The 2948 simulates the signalling protocol that the radio would see
from the real network. This allows calls to be set up and handled
enabling receiver and transmitter parametric measurements to be
made.
Remote Control - RS-232 or GPIB
Remote control is provided, with an RS-232 interface as standard. An
IEEE-488.2 interface (option 5) can be fitted where other instru-
ments are required to operate in a system with the 2948.
Printing Made Easy
With the parallel printer port interface, screen dumps, automatic test
results or previously stored results may be sent to most parallel print-
ers. These facilities are available as standard using the serial
RS-232 interface.
A screen capture facility is available so any screen displayed on the
2948 can be saved direct to a PC via the serial port as a bit map file.
Autorun - internal control
With the Analog Systems Card fitted, automatic testing without an
external controller is possible. Custom tests may be written and run
by the operator. Four programmable relay contacts are provided with
the optional parallel printer interface. This allows remote control of
radios or test fixtures from built-in automatic tests.
Custom Programs
Users may program the instrument to suit their own specific needs.
This is possible either by configuring any of the 4 built-in programs
or by using the MI-BASIC interpreter to produce a customised test
program that can be executed internally, without an external con-
troller.
Memory Card - with real time clock
The memory card drive meets the PCMCIA standard format for PC
cards. The 2948 provides a DOS based filing system that allows trans-
fer of information to a PC fitted with a memory card slot.
Test setups, test results, screen dumps, spectrum analyzer co-ordi-
nates and test sequences can all be stored on the memory card, allow-
ing information to be easily stored and retrieved when required.
Reliability
The 2948 features high integration and a chassis designed to max-
imise mechanical protection.
Audio Analysis
A comprehensive range of filters are provided as standard, including
band pass, low pass and high pass. Optional filters are available for
psophometric weighting of audio signals and demodulation of signals
in a simulated radio channel bandwidth.
The direct measurement of CTCSS is possible with the 300 Hz LP
filter, even with speech present.
2948iss15.qxd
01/Dec/2004
10:07
Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com