Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC-TCASE Datasheet(PDF) 1 Page - Metcal

Part # AC-TCASE
Description  AC-TCASE Aluminum Tip Case
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

AC-TCASE Datasheet(HTML) 1 Page - Metcal

  AC-TCASE Datasheet HTML 1Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Metcal Corporate Headquarters
10800 Valley View Street,
Cypress, California, 90630, USA
Tel: 1-714-799-9910
Fax: 1-714-828-2001
E-mail: eorders@okinternational.com
For Sales
and Support:
Visit our website for more information and to
contact the Metcal office nearest you.
metcal.com/contact-us
AC-TCASE Aluminum Tip Case
Data Sheet
Dimensions (inches)
4.25” x 6” x 0.5”
Dimensions (mm)
114 mm x 151 mm x 13 mm
Material
Aluminum
Capacity
10 tips/cartridges
Compatibility
CVC, STTC, SSC, SxP Cartridges
AC-TCASE Aluminum Tip Case
Aluminum Tip Case for CVC/STTC/SSC/SxP cartridges. Holds up to 10 cartridges.
Cartridges sold separately.


Similar Part No. - AC-TCASE

ManufacturerPart #DatasheetDescription
logo
Metcal
AC-TCASE METCAL-AC-TCASE Datasheet
5Mb / 64P
Soldering Tools and Equipment for Electronics Assembly
More results

Similar Description - AC-TCASE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1762 VISHAY-F1762 Datasheet
67Kb / 2P
Suppression Filters, Aluminum Case
08-Nov-00
logo
AVX Corporation
1812PC104KAT1A AVX-1812PC104KAT1A Datasheet
95Kb / 2P
Tip & Ring
logo
FSP TECHNOLOGY INC.
FSP25-FZAP035G FSP-FSP25-FZAP035G Datasheet
59Kb / 1P
50,000 hours at Tcase of ??70째C
FSP25-FZAP070G FSP-FSP25-FZAP070G Datasheet
59Kb / 1P
50,000 hours at Tcase of ??70째C
FSP25-FZAP105G FSP-FSP25-FZAP105G Datasheet
59Kb / 1P
50,000 hours at Tcase of ??70째C
FSP25-FZAP140G FSP-FSP25-FZAP140G Datasheet
59Kb / 1P
50,000 hours at Tcase of ??70째C
logo
Bud Industries, Inc.
IA-6160 BUD-IA-6160 Datasheet
100Kb / 1P
ALUMINUM INSTRUMENT CASE
IA-6163 BUD-IA-6163 Datasheet
98Kb / 1P
ALUMINUM INSTRUMENT CASE
IA-6162 BUD-IA-6162 Datasheet
103Kb / 1P
ALUMINUM INSTRUMENT CASE
IA-6161 BUD-IA-6161 Datasheet
97Kb / 1P
ALUMINUM INSTRUMENT CASE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com