Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CV-DVC1 Datasheet(PDF) 2 Page - Metcal

Part # CV-DVC1
Description  Hand Soldering, Desoldering, & Rework
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

CV-DVC1 Datasheet(HTML) 2 Page - Metcal

  CV-DVC1 Datasheet HTML 1Page - Metcal CV-DVC1 Datasheet HTML 2Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3
4
5
1
2
1
2
3
4
5
6
7
8
9
10
13
14
11
12
16
www.metcal.com
www.metcal.com
MX Handpieces and Accessories
Part Number
Description
MX-H1-AV
1 Advanced Handpiece for MX System
MX-H2-UF
2 Ultrafine Handpiece for MX System
MX-PTZ
Precision Tweezer Handpiece for MX System
MX-DS1
13 Desoldering Handpiece for MX System
MX-H6-HTD
High Thermal Demand Handpiece for MX System
MX-H7-SF
Advanced Solder Wire Feeder Handpiece for MX System
MX-HPDC
Dual Cartridge Handpiece for MX System
MX-RM3E
Standard Soldering/Rework Handpiece
MX-RM5E
Standard Robotic Cable, 1-Piece, 183 mm
MX-RM6E
Soldering/Rework Handpiece for Long Reach Cartridge Access
MX-RM8E
Desoldering Handpiece Cord for MX-DS1
Sleeves and Grips for MX Advanced and Ultrafine Handpieces
MX-H1-BSR-5
Sleeve, Black, Adv HP Grip, Ring Pattern (Qty=5)
MX-H1-BSS-5
Sleeve, Black, Adv HP Grip, Scallop Pattern (Qty=5)
MX-H1GKG
11 Grip, Advanced Handpiece Knob Pattern, Green
MX-H1GR
12 Grip, Advanced Handpiece, Ring Pattern
MX-H1GS
10 Grip, Advanced Handpiece, Scallop Pattern
MX-H1-GSK-5
Rubber Grip, Knob Green, MX-5000
MX-H2-BSR-5
Sleeve, Black, UF HP Grip, Ring Pattern (Qty=5)
MX-H2-BSS-5
Sleeve, Black, UF HP Grip, Scallop Pattern (Qty=5)
MX-H2GKG
Grip, Ultrafine Handpiece Knob Pattern, Green
MX-H2GR
Grip, Ultrafine Handpiece Ring Pattern
MX-H2GRS
Grip, UF Handpiece, Ring Black, Extended Reach
MX-H2GS
Grip, Ultrafine Handpiece Scallop Pattern
MX-H2-GSK-5
Rubber Grip, UF HP Grip, Knob Green, MX-H2-UF
MX Workstands and Accessories
MX-W1AV
Workstand for Advanced, Ultrafine and High Thermal Demand
Handpieces
3
MX-W1CR
Cradle for Advanced Workstand
MX-W4PT
4 Workstand for Tweezer Handpiece
MX-W4CR
Cradle for Tweezer Workstand
MX-W5DS
Workstand for Desolder Handpiece
MX-W5CR
Cradle for Desolder Workstand
MX-WHPDC
Workstand for Dual Cartridge Handpiece
WS1
Workstand for MX-RM3E Handpiece, Sleeper
AC-Y10
7 Yellow Sponge, Pack of 10
AC-YS3-P
Yellow Sponge, Pack of 50
AC-BP
8 Brass Pad, 18 grams, Pack of 10
AC-BRUSH-P
Soft Brass Brush, Pack of 6
MX-CP1
9 Cartridge Removal Pad
AC-CK2
Green Lead Free ID Ring for STTC Cartridges (Pack of 50)
AC-TC
Desolder Tip Cleaner
AC-TC-P
Desolder Tip Cleaner (12 Pack)
MX-DAH4
ESD Air Hose, U.S. Standard Fitting
MX-PC1
Power Cord
5100-0073
On/Off Switch replacement
MX Upgrade Kits
MX-UK1
Advanced Handpiece for MX and Workstand
14
MX-UK2
Ulfrafine Handpiece for MX and Workstand
MX-UK3
Dual Cartridge Handpiece for MX and Workstand
MX-UK4
Precision Tweezer Handpiece for MX and Workstand
MX-UK5
Desolder Handpiece for MX with Cord, Air line Kit and Workstand
MX-UK6
6 High Thermal Demand Handpiece and Workstand
MX-UK7
5 Solder Wire Feeder for MX and Workstand
CV and MX Accessories for Solder Wire Feeder System
USF-1000
Solder Wire Feeder, Main Unit Only
USF-FTA-12
Feeder Tube Assembly, 0.56-0.71 mm Wire Dia.
USF-FTA-17
Feeder Tube Assembly, 0.79-1.27 mm Wire Dia.
USF-GTA-06
Guide Tub and Teflon Nozzle, 0.6 mm (Pack of 10)
USF-GTA-12
Guide Tube and Teflon Nozzle, 1.2 mm (Pack of 10)
USF-GTA-17
Guide Tube and Teflon Nozzle, 1.7 mm (Pack of 10)
All upgrade kits include a Handpiece
and a workstand.
Hand Soldering, Desoldering, & Rework
CV & MX Accessories
Hand Soldering, Desoldering, & Rework
CV & MX Accessories



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com