Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2298 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2298
Description  3.5A Minimum, 1MHz Boost High Brightness White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2298 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2298 Datasheet HTML 1Page - Micrel Semiconductor MIC2298 Datasheet HTML 2Page - Micrel Semiconductor MIC2298 Datasheet HTML 3Page - Micrel Semiconductor MIC2298 Datasheet HTML 4Page - Micrel Semiconductor MIC2298 Datasheet HTML 5Page - Micrel Semiconductor MIC2298 Datasheet HTML 6Page - Micrel Semiconductor MIC2298 Datasheet HTML 7Page - Micrel Semiconductor MIC2298 Datasheet HTML 8Page - Micrel Semiconductor MIC2298 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Micrel, Inc.
MIC2298
October 2007
3
M9999-101707-B
Absolute Maximum Ratings
(1)
Supply Voltage (VIN).......................................................12V
Switch Voltage (VSW)....................................... –0.3V to 34V
BRT Voltage (VBRT) ........................................... –0.3V to 6V
SS/DIM Voltage (VSS)........................................ –0.3V to 6V
Enable Voltage (VEN)....................................... –0.3V to 12V
FB Voltage (VFB)...............................................................6V
Switch Current (ISW) .........................................................6A
Ambient Storage Temperature (Ts)...........–65°C to +150°C
ESD Rating
(3).................................................................. 2kV
Operating Ratings
(2)
Supply Voltage (VIN).......................................... 2.5V to 10V
BRT Voltage (VBRT) ........................................... 0V to 0.6VIN
Enable Voltage (VEN).............................................. 0V to VIN
Output Voltage (VOUT) ................................... VIN + 1 to VOVP
Junction Temperature (TJ) ........................–40°C to +125°C
Package Thermal Impedance
3x3 MLF-12 (
θJA) ...............................................60°C/W
Electrical Characteristics
(4)
TA = 25°C; VIN = VEN = 3.6V; VOUT = 7V; IOUT = 1A, unless otherwise noted. Bold values indicate –40°C< TJ < +125°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Supply Voltage Range
2.5
10
V
VUVLO
Under-Voltage Lockout
1.8
2.1
2.4
V
VOVP
Over-Voltage Protection
12
13.5
15
V
IVIN
Quiescent Current
VFB >200mV, Not Switching
15
23
mA
ISD
Shutdown Current
VEN = 0V (Note 5)
0.1
1
µA
VFB
Feedback Voltage
(+/-8%)
(+/-10%) (Over Temp)
184
180
200
216
220
mV
IFB
Feedback Input Current
VFB = 200mV
-650
nA
Line Regulation
2.5V
≤ VIN ≤ 4.5V
0.5
%
ILED
BRT accuracy (Note 6)
RBRT = GND
RBRT = 50K
17
45
20
50
23
55
%
DMAX
Maximum Duty Cycle
85
90
%
ISW
Switch Current Limit
VIN = 3V
3.5
4.75
8
A
VSW
Switch Saturation Voltage
VIN = 3.6V, ISW = 3.5 A
350
500
mV
ISW
Switch Leakage Current
VEN = 0V, VSW = 15V
0.01
10
µA
VEN
Enable Threshold
TURN ON
TURN OFF
1.5
0.4
V
IEN
Enable Pin Current
VEN = 10V
20
40
µA
fSW
Oscillator Frequency
0.8
1
1.2
MHz
ISS
Soft start / DIM current
DIM = 0V
5
µA
150
°C
TJ
Over-Temperature Threshold
Shutdown
Hysteresis
10
°C
Notes:
1. Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating
the device outside of its operating ratings. The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(Max), the
junction-to-ambient thermal resistance,
θ JA, and the ambient temperature, TA. The maximum allowable power dissipation will result in excessive die
temperature, and the regulator will go into thermal shutdown.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended.
4. Specification for packaged product only.
5. ISD = IVIN
6. As percentage of full brightness where VIN = VBRT = 3.6V (100% brightness)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com