Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCS1PUR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STCS1PUR
Description  1.5 A max constant current LED driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCS1PUR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STCS1PUR Datasheet HTML 2Page - STMicroelectronics STCS1PUR Datasheet HTML 3Page - STMicroelectronics STCS1PUR Datasheet HTML 4Page - STMicroelectronics STCS1PUR Datasheet HTML 5Page - STMicroelectronics STCS1PUR Datasheet HTML 6Page - STMicroelectronics STCS1PUR Datasheet HTML 7Page - STMicroelectronics STCS1PUR Datasheet HTML 8Page - STMicroelectronics STCS1PUR Datasheet HTML 9Page - STMicroelectronics STCS1PUR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
STCS1
6/17
4
Electrical characteristics
Note:
All devices 100% production tested at TA = 25°C. Limits over the operating temperature
range are guaranteed by design.
Table 5.
Electrical characteristics
(VCC = 12 V; IO = 100 mA; TA = -40°C to 85°C; VDRAIN = 1 V; CDRAIN = 1 µF; CBYP = 100 nF
typical values are at TA = 25°C, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC
Supply voltage range
4.5
40
V
Output current range
1
1500
mA
IO
Output current
RFB = 0.2 Ω
500
mA
Regulation (percentage with
respect to VCC=12V)
VCC = 4.5 to 40 V,
IO = 100 mA; VDRAIN = 1 V
-1
+1
%
VFB
Feedback voltage
All the current range
90
100
110
mV
ICC
Quiescent current (measured on
VCC pin)
On Mode
450
650
µA
Shutdown Mode;
VCC = 5 to 40 V
1
VDROP
Dropout voltage (VDRAIN to GND)
IO = 100 mA
0.12
0.16
V
IO = 1.5 A
0.58
0.9
LEAKDRAIN Drain leakage current
Shutdown; VDRAIN = 40 V
10
µA
TD
Delay on PWM signal
(see Figure 3.)
VPWM rising, VCC = 12 V
3
µs
VPWM falling, VCC = 12 V
1.2
DISC
Low level voltage
ISINK = 5 mA
0.2
0.5
V
Leakage current
VDISC = 5 V
1
µA
Load disconnection threshold
(VDRAIN-GND)
DISC Turn-ON
75
mV
DISC Turn-OFF
110
Thermal
Protection
Shutdown temperature
155
°C
Hysteresis
25
Logic Inputs (PWM and EN)
VL
Input low level
0.4
V
VH
Input high level
1.2
V
EN, PWM leakage current
VEN = 5 V; VPWM = 5 V
2
µA
EN input leakage current
VEN = 40 V
50
PWM input leakage current
VPWM = 40 V
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com