Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8580AGEFT Datasheet(PDF) 45 Page - Wolfson Microelectronics plc

Part # WM8580AGEFT
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580AGEFT Datasheet(HTML) 45 Page - Wolfson Microelectronics plc

Back Button WM8580AGEFT Datasheet HTML 41Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 42Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 43Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 44Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 45Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 46Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 47Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 48Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 49Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 97 page
background image
Production Data
WM8580
w
PD Rev 4.3 August 2007
45
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8
CLKSEL
08h
5:4
TX_CLKSEL
01
S/PDIF Transmitter clock source
00 = ADCMCLK pin
01 = PLLACLK
10 = PLLBCLK
11 = MCLK pin
Table 35 S/PDIF Transmitter Clock Control
PRIMARY AUDIO INTERFACE RECEIVER (PAIF RX)
The PAIF Receiver requires a left-right-clock (LRCLK) and a bit-clock (BCLK). These can be supplied
externally (slave mode) or they can be generated internally by the WM8580 (master mode). The
master mode LRCLK/BCLK are created by the Master Mode Clock Gen module. The control of this
module is described on page 22. The clock supplied to this module is selected by the
PAIFRXMS_CLKSEL register bits and can be MCLK, PLLACLK, or PLLBCLK.
Figure 29 PAIF Receiver Clock Selection
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9
PAIF 1
09h
7:6
PAIFRXMS_
CLKSEL
00
PAIF Receiver Master Mode clock
source
00 = MCLK pin
01 = PLLACLK
10 = PLLBCLK
11 = MCLK pin
Table 36 PAIF Receiver Master Mode Clock Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com