Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-R5132N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BL-R5132N
Description  Chip material: GaP /GaP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BL-R5132N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BL-R5132N Datasheet HTML 1Page - List of Unclassifed Manufacturers BL-R5132N Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--R
R5
51
13
32
2N
N
Ver.2.0 Page: 1 of 2
SINCE 1981
25.4(1.0) MIN.
7.0(.276)
1.0(.039) MIN.
2.54(.10)
1.5(.059)
MAX.
0.5(.02)
SQ. TYP.
5.0(.197)
2.0(.079)
5.05(.198)
1.9(.075)
NOM.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (0.01”) unless otherwise specified.
3. Lead spacing is measured where the leads emerge from
the package.
4. Specifications are subject to change without notice.
● Features:
● Package dimensions
1. Chip material: GaP /GaP
2. Emitted color : Bright Red
3. Lens Appearance : Red Diffused
4. Low power consumption.
5. Most suitable for use like level indicator.
6. Excellent uniformity of light emittance.
7. Long life solid state reliability.
8. Compatible.
9. This product don’t contained restriction
substance, compliance ROHS standard.
● Applications:
1. TV set
2. Monitor
3. Telephone
4. Computer
5. Circuit board
● Absolute maximum ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
40
mW
Forward Current
IF
15
mA
Peak Forward Current*1
IFP
50
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40℃~80℃
Storage Temperature
Tstg
-40℃~85℃
Soldering Temperature
Tsol
260℃(for 5 seconds)
*1Condition for IFP is pulse of 1/10 duty and 0.1msec width.


Similar Part No. - BL-R5132N

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-R5132N BRIGHT-BL-R5132N Datasheet
288Kb / 5P
LED LAMPS
More results

Similar Description - BL-R5132N

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-B21A4 BRIGHT-BL-B21A4 Datasheet
137Kb / 2P
Chip material: GaP/GaP
BL-B2134-AV BRIGHT-BL-B2134-AV Datasheet
144Kb / 3P
Chip material: GaP/GaP
BL-B2139 BRIGHT-BL-B2139 Datasheet
137Kb / 2P
Chip material: Gap/GaP
BL-B2141-FP6.5-TBF25C BRIGHT-BL-B2141-FP6.5-TBF25C Datasheet
164Kb / 3P
Chip material: gap/gap
BL-B2141-TBS18C BRIGHT-BL-B2141-TBS18C Datasheet
152Kb / 3P
Chip material: GaP/GaP
BL-B5133N BRIGHT-BL-B5133N Datasheet
136Kb / 2P
Chip material: GaP/GaP
BL-B5141-FA8.5-TBF26C BRIGHT-BL-B5141-FA8.5-TBF26C Datasheet
165Kb / 3P
Chip material: gap/gap
BL-B5141-FP6.5-TBF25C BRIGHT-BL-B5141-FP6.5-TBF25C Datasheet
151Kb / 3P
Chip material: GaP/GaP
BL-B5141-TBS18C BRIGHT-BL-B5141-TBS18C Datasheet
152Kb / 3P
Chip material: GaP/GaP
BL-B5234N BRIGHT-BL-B5234N Datasheet
139Kb / 2P
Chip material: GaP/GaP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com