Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3500SCMCL Datasheet(PDF) 14 Page - Littelfuse

Part # P3500SCMCL
Description  gas plasma arresters-package dimensions/specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P3500SCMCL Datasheet(HTML) 14 Page - Littelfuse

Back Button P3500SCMCL Datasheet HTML 10Page - Littelfuse P3500SCMCL Datasheet HTML 11Page - Littelfuse P3500SCMCL Datasheet HTML 12Page - Littelfuse P3500SCMCL Datasheet HTML 13Page - Littelfuse P3500SCMCL Datasheet HTML 14Page - Littelfuse P3500SCMCL Datasheet HTML 15Page - Littelfuse P3500SCMCL Datasheet HTML 16Page - Littelfuse P3500SCMCL Datasheet HTML 17Page - Littelfuse P3500SCMCL Datasheet HTML 18Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
www.littelfuse.com
9 - 14
© 2006 Littelfuse, Inc. • Telecom Design Guide
6,'$&WRUŠ'HYLFHV³3DFNDJH 'LPHQVLRQV
Modified MS-013
The Modified MS-013 is designed to meet mechanical standards as set forth in JEDEC
publication number 95.
Notes:
• Dimensions and tolerances per ASME Y14.5M-1982
• Mold flash shall not exceed 0.13 mm per side.
• All leads are insulated from case. Case is electrically non-conductive. (Rated at 1600 V ac rms for one
minute from leads to case over the operating temperature range)
• D dimension tolerance is ± 0.005 in (0.127 mm).
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.360
0.364
9.14
9.25
B
0.352
0.356
8.94
9.04
C
0.400
0.412
10.16
10.46
D
0.043
0.043
1.09
1.09
E
0.047
0.055
1.19
1.40
F
0.293
0.297
7.44
7.54
G
0.289
0.293
7.34
7.44
H
0.089
0.093
2.26
2.36
J
0.041
0.049
1.04
1.24
K
0.020
0.51
BSC
0.133
0.143
3.38
3.63
C
G
7
˚ TYP
Mold Split Line
A
B
BSC
7
˚ TYP
A
D
E
7 ˚ TYP
7
˚ TYP
F
H
J
Burr Side
4
˚
MIN Length
of Flat
Detail A
0.065
(1.65)
K
96
˚
0.460
(11.68)
0.138
(3.50)
0.059
(1.50)
Pad Outline
A
Dimensions are in inches
(and millimeters).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com