Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1174IPAPT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1174IPAPT
Description  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1174IPAPT Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS1174IPAPT Datasheet HTML 12Page - Texas Instruments ADS1174IPAPT Datasheet HTML 13Page - Texas Instruments ADS1174IPAPT Datasheet HTML 14Page - Texas Instruments ADS1174IPAPT Datasheet HTML 15Page - Texas Instruments ADS1174IPAPT Datasheet HTML 16Page - Texas Instruments ADS1174IPAPT Datasheet HTML 17Page - Texas Instruments ADS1174IPAPT Datasheet HTML 18Page - Texas Instruments ADS1174IPAPT Datasheet HTML 19Page - Texas Instruments ADS1174IPAPT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
www.ti.com
CLK
DRDY
SYNC
t
NDR
t
SYN
t
SCSU
t
CSHD
FSYNC
ValidData
DOUT
SYNC
t
NDR
t
SYN
CLK
t
CSHD
t
SCSU
ADS1174
ADS1178
SBAS373 – OCTOBER 2007
After
synchronization,
indication
of
valid
data
In the Frame-Sync format, DOUT goes low as soon
depends on the whether SPI or Frame-Sync format
as SYNC is taken low; see Figure 14. After SYNC is
was used.
returned high, DOUT stays low while the digital filter
is settling. Once valid data are ready for retrieval,
In the SPI format, DRDY goes high as soon as SYNC
DOUT begins to output valid data. For proper
is taken low; see Figure 13. After SYNC is returned
synchronization, FSYNC, SCLK, and CLK must be
high, DRDY stays high while the digital filter is
established before taking SYNC high, and must then
settling. Once valid data are ready for retrieval,
remain running.
DRDY goes low.
Figure 13. Synchronization Timing for SPI Protocol
Table 8. SPI Protocol
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tCSHD
CLK to SYNC hold time
10
ns
tSCSU
SYNC to CLK setup time
5
ns
tSYN
Synchronize pulse width
1
CLK periods
tNDR
Time for new data to be ready
129
Conversions (1/fDATA)
Figure 14. Synchronization Timing for Frame-Sync Protocol
Table 9. Frame-Sync Protocol
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tCSHD
CLK to SYNC hold time
10
ns
tSCSU
SYNC to CLK setup time
5
ns
tSYN
Synchronize pulse width
1
CLK periods
tNDR
Time for new data to be ready
127
128
Conversions (1/fDATA)
16
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com