Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16681 Datasheet(PDF) 1 Page - Atom Lighting

Part # 16681
Description  AT9232
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

16681 Datasheet(HTML) 1 Page - Atom Lighting

  16681 Datasheet HTML 1Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AT9232
Square Shallow Recessed Extrusion KIT
Suits AT9251, AT9252, AT9253 IP20 LED strips
Suits AT9251, AT9252, AT9253 IP67 LED strips but
requires the silicon endcaps to be trimmed
Suits AT9256 and AT9257 Pureline LED strips
Suits AT9208 LED strip kits
Diffuser clips in from front
Supplied with 2x endcaps and 2x mounting clips
ORDERING INFORMATION
Order code
16681
Description
Square Shallow Recessed
Extrusion KIT - 2M
Item Code
AT9232/2M
WARRANTY
Domestic Use Warranty
3 RTB (Total 3 Years)
DIMENSIONS
Cutout
18 mm
Product Height
7 mm
Product Length
2000 mm
Product Width
17 mm
All dimensions are +/- 1mm.
LINE DRAWINGS
AT9232
1300 438 658
sales@evolt.com.au
atomlighting.com.au
© 2025 Evolt


Similar Part No. - 16681

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1668108 PHOENIX-1668108 Datasheet
147Kb / 11P
Sensor/actuator cable - SAC-4P- 1,5-PUR/M12FS
09/11/2020
1668111 PHOENIX-1668111 Datasheet
574Kb / 18P
SAC-4P- 3,0-PUR/M12FS - Sensor/actuator cable
1668124 PHOENIX-1668124 Datasheet
147Kb / 11P
Sensor/actuator cable - SAC-4P- 5,0-PUR/M12FS
09/11/2020
logo
PATLITE CORPORATION.
1668124 PATLITE-1668124 Datasheet
405Kb / 2P
LED Work Light
Rev. I
logo
PHOENIX CONTACT
1668137 PHOENIX-1668137 Datasheet
551Kb / 18P
SAC-3P-M12MR/1,5-PUR - Sensor/actuator cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com