Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20780 Datasheet(PDF) 1 Page - Atom Lighting

Part # 20780
Description  AT9235 Assembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

20780 Datasheet(HTML) 1 Page - Atom Lighting

  20780 Datasheet HTML 1Page - Atom Lighting 20780 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AT9235 Assembly
Custom LED Assembly - Square Deep Extrusion.
Superior 24V design
Long operating lifetime
Square Deep Extrusion with front clip in Diffuser
Includes IP20 Rated 24V constant Voltage Driver
with Flex and Plug
Supplied with mounting Clips
2m Tails for easy wiring to remote driver
Custom extrusion Length ( Must be specified
before delivery)
Cut measurements are from end-to-end including
the endcaps
Cable entry is from the end of the extrusion unless
specified with the cut lengths.
Cut length does not always match LED Strip
cutting intervals. LED strip will be placed centre on
the Extrusion
ORDERING INFORMATION
Order code
20780
Description
Square Deep Assembly
14.4W/m IP20 LED Strip and
driver / RGB / 2M
Driver Power
60 W
Driver Type
Fixed output
Item Code
AT9235/2M/AT9253/RGB/IP2
0
MECHANICAL
Body Material
Aluminium
Diffuser Material
PMMA
Fitting Colour
Silver
Installation Type
Surface mount
IP Rating
IP20
ELECTRICAL
Electrical Rating
Class II
Input Frequency
50 Hz
Input voltage
180-240
Maximum Wattage
60 W
Power Factor
0.95
Switch Type
Inline
Watts Per Meter (W/m)
14.4
Working Temp Range
0 to 40 °C
LAMP
Macadam Steps (SDCM)
3-step MacAdam Ellipse
Beam Angle
120 °
CCT Configuration
RGB
Lamp/LED voltage
24 V
LED's per meter
60
Lumens /m
360 lm/m
LED LIFETIME
LED Lifetime
>48000 hrs
This is the Reported LED Lifetime in Hours based on TM-21.
Atom does not list the projected or calculated LED lifetime,
which is normally longer as TM-21 Addendum B explicitly
states "The Calculated and Projected Lp(Dk) are not to be
reported". This Lifetime refers to the life of a single LED
however the system life is longer since the probability and
binomial distribution of all LEDs in the system means that the
average led is performing above the specification and
compensates for the LEDs falling below.
Ambient Temp (°C)
25 °C
40 °C
L70B50
>48000 hrs
>48000 hrs
This rating defines the performance of the led within its
lifetime. L relates to lumen depreciation, where the
proceeding number gives the resultant lumen output at the
end of it reported lifetime. L70, would mean 30% lumen
depreciation which means 70% of its initial output and is
tested accordingly to TM-21. The B part refers to failures,
which can be define as the percentage of LEDs which fall
below the L value in the projected lifetime. A value of B10
refers to 10% failure and a value of B50 refers to 50% failure.
After the defined lifetime, the system will reach the defined
lumen depreciation and the average led failures is defined by
the B rating. The B rating is defined in and tested to IEC62717.
1300 438 658
sales@evolt.com.au
atomlighting.com.au
© 2025 Evolt


Similar Part No. - 20780

ManufacturerPart #DatasheetDescription
logo
3M Electronics
2078 3M-2078 Datasheet
1Mb / 8P
3M??Reusable Respirators
logo
Heyco.
2078 HEYCO-2078 Datasheet
133Kb / 1P
Snap Bushings
logo
Atom Lighting
20781 ATOM-20781 Datasheet
125Kb / 2P
AT9235 Assembly
31st of January 2025 06:57:25
logo
Mascot AS
207818 MASCOT-207818 Datasheet
1Mb / 1P
Mounting brackets
20062008
logo
Atom Lighting
20782 ATOM-20782 Datasheet
125Kb / 2P
AT9235 Assembly
31st of January 2025 06:57:23
More results

Similar Description - 20780

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
SIP5 LSI-SIP5 Datasheet
37Kb / 2P
LSI Assembly
logo
Rohm
HQFN36V ROHM-HQFN36V Datasheet
38Kb / 2P
LSI Assembly
QFP32 ROHM-QFP32 Datasheet
38Kb / 2P
LSI Assembly
QFP80 ROHM-QFP80 Datasheet
43Kb / 2P
LSI Assembly
QFP120 ROHM-QFP120 Datasheet
41Kb / 2P
LSI Assembly
QFP-A64 ROHM-QFP-A64 Datasheet
39Kb / 2P
LSI Assembly
SOP14 ROHM-SOP14 Datasheet
35Kb / 2P
LSI Assembly
SQFP56 ROHM-SQFP56 Datasheet
40Kb / 2P
LSI Assembly
SQFP100 ROHM-SQFP100 Datasheet
43Kb / 2P
LSI Assembly
SQFP-T80C ROHM-SQFP-T80C Datasheet
41Kb / 2P
LSI Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com