Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC1237 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC1237
Description  9.9 to 12.5 Gbps 16:1 Multiplexer with Clock Multiplier Unit and Demultiplexer with Clock Recovery Chip Set
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC1237 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC1237 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC1237 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
9.9 to 12.5 Gbps 16:1 Multiplexer with Clock Multiplier Unit and Demultiplexer
with Clock Recovery Chip Set
VSC1237, VSC1238
The VSC1237 and VSC1238 is a complete high-
performance multiplexer/demultiplexer chip
set designed for 9.9-12.5 Gbps applications,
including SONET OC-192, SDH STM-64,
10GbE, G.975, G.709 and offering enhanced
capabilities specifically designed to address the needs of Ultra Long
Haul (ULH) and Long Haul (LH) fiber optic transmission systems.
The VSC1237 is a 16:1 Multiplexer with an integrated Clock
Multiplier Unit. This device easily surpasses the jitter requirements
for SONET/SDH transmission systems. Integrated phase locked loop
circuits, including VCOs, are used for high speed clock generation,
jitter filtering and low-speed data transfer.
This device offers
enhanced features, such as a integrated jitter filter PLL and a
selectable full/half-rate clock output, which is specifically designed to
be used in long haul and ultra long haul systems that utilize clocked
laser drivers or RZ signaling. The clock output features extremely low
clock-data skew variation, and can be disabled to save power.
The VSC1238 is a 1:16 Demultiplexer (DMUX) with Clock and Data
Recovery (CDR) unit. This device is capable of direct recovery of
signals which are subject to various impairments/formats inherent in
ULH/LH systems, including poor Optical Signal to Noise Ratio (OSNR)
arising from optical amplification, distortion from Chromatic
Dispersion, Polarization Mode Dispersion / Differential Group Delay
(PMD/DGD), and RZ signaling. The highly sensitive front-end, precise
phase detector / decision circuit, and adaptive threshold features
eliminate the need for AGC amplifiers, post-amplifiers, filters, etc.
which are traditionally needed to recover these signals.
GENERAL DESCRIPTION:
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
For more information on Vitesse Products visit the Vitesse web site
at www.vitesse.com or contact Vitesse Sales at (800) VITESSE
or sales@vitesse.com
©2004 Vitesse Semiconductor Corporation
Vitesse, ASIC-Friendly, FibreTimer, TimeStream and Snoop Loop are trademarks of Vitesse Semiconductor Corporation.
All other trademarks or registered trademarks mentioned herein are the property of their respective holders. Vitesse
Semiconductor Corporation ("Vitesse") retains the right to make changes to its products or specifications to improve
performance, reliability or manufacturability. All information in this document, including descriptions of features,
functions, performance, technical specifications and availability, is subject to change without notice at any time.
BLOCK DIAGRAMS:
VSC1237
VSC1238



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com