Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2280EVB-SW Datasheet(PDF) 2 Page - PLX Technology

Part # NET2280EVB-SW
Description  PCI to USB 2.0 Hi-Speed Peripheral Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

NET2280EVB-SW Datasheet(HTML) 2 Page - PLX Technology

  NET2280EVB-SW Datasheet HTML 1Page - PLX Technology NET2280EVB-SW Datasheet HTML 2Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design Applications
Add Hi-Speed USB 2.0 to a Printer
The NET2280 can be used to easily add Hi-Speed USB 2.0
functionality to any PCI-based printer. The standard PCI
interface of the NET2280 connects gluelessly to a printer’s
PCI bus backplane. Standard PCI registers allow the printer’s
CPU to easily configure and send data to and from the
NET2280.
The NET2280 features six programmable USB endpoints for
any combination of Interrupt, Isochronous, and Bulk data
transfers. This allows printer applications to transfer different
data (such as diagnostic or critical print data) through different
endpoints to improve quality of service and ease of design.
PLX provides device firmware to configure the NET2280 to
resemble a standard USB Printer Class device. With the USB
Printer Class firmware, these devices can be recognized by
PCs without any additional host-side drivers.
In these applications, the integrated CPU is usually not
needed.
Figure 2: Converting a PCI-Based Printer to USB
Migrate PCI and CardBus Designs to USB
The NET2280 is designed to easily convert existing PCI Cards
or CardBus Adapters to stand alone USB Devices. Since both
PCI and CardBus chips are based around the standard PCI
protocol, the NET2280 connects gluelessly with them.
Instead of a PCI Host Chipset and BIOS on a PC configuring
the PCI/CardBus silicon, the NET2280 can itself act as the
PCI Host, with configuration information coming from its
internal 8051 CPU or from the USB Host. Auto-Enumeration
Technology allows a standard USB Host to detect this new
USB device even if no firmware has been run. This means
that firmware can actually be downloaded to the USB device
after initial boot-up.
The NET2280 includes PCI clock, reset, interrupt, and
arbitration pins to compensate for the other components
usually found in a typical PCI Host environment.
The NET2280 Reference Design Kit
The NET2280-RDK includes a PCI Board that easily plugs
into any standard PCI slot (3.3V or 5V). This board also
includes an optional PCI slot for plugging other PCI boards
into the RDK board itself. That would be for those
applications where the NET2280 will be the PCI Host.
Both USB Host and Peripheral side software is included with
the NET2280-RDK. The Host side software consists of
generic USB client drivers and several test and development
applications. The peripheral side firmware is used to
configure the NET2280 to resemble a standard USB class
device (like a printer or mass storage device) for which no
USB Host driver will need to be written. For custom, vendor-
specific applications, the Firmware API is provided to abstract
USB operation to standardized function calls. While this
software is available for various operating systems, it is
written in standard C with portability in mind. An included
porting guide aids USB developers through the entire porting
process.
PLX Technology, Inc.
870 Maude Ave.
Sunnyvale, CA 94085 USA
Tel: 1-800-759-3735
Tel: 1-408-774-9060
Fax: 1-408-774-2169
Web Site: www.plxtech.com
Product Ordering Information
Part Number
Description
NET2280REV1A-LF
PCI to USB 2.0 Hi-Speed Peripheral Controller
NET2280RDK
NET2280 Reference Design Kit
NET2280EVB
NET2280 Adapter Card
NET2280EVB-SW
NET2280 Adapter Card with Software
Please contact your local PLX sales representative for ordering information.
© 2005 PLX Technology, Inc. All rights reserved. PLX and the PLX logo are registered trademarks of PLX Technology, Inc. All other product names that appear in this material are for
identification purposes only and are acknowledged to be trademarks or registered trademarks of their respective companies. Information supplied by PLX is believed to be accurate and reliable,
but PLX Technology, Inc. assumes no responsibility for any errors that may appear in this material. PLX Technology, Inc. reserves the right, without notice, to make changes in product design or
specification.
NET2280-SIL-PB-P1-1.0
02/05 750



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com