Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC3108 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC3108
Description  crosspoint switch with integrated equalization
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC3108 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC3108 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC3108 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VSC3104, VSC3108
The VSC3104 is a 4x4 crosspoint switch with integrated equalization
The VSC3108 is a 8x8 crosspoint switch with integrated equalization
APPLICA TIONS:
Backplane Driver/Receiver
Loop-back Switch
Protection Switching
Fan-out Buffering
Cable Driver/Receiver
Wire Re-ordering
FEA TURES:
High Data Rate Support, up to 6.5 Gb/s
Integrated Equalization
Low Cost
Compact Form Factor
Single Supply Operation
Highly Programmable
Robust Operation Across Voltage and Temperature
Fully Asynchronous Operation
Excellent Crosstalk and Noise Immunity
.
PHYSICAL LAYER PRODUCTS
PB-VSC3104,3108-001
BENEFITS:
Enables Operation at Higher Data Rates and/or Improves Operating Margins
Controls Difficult Signal Integrity Problems
Asynchronous Operation Allows Application Across any Data Format and Speed.
Low Skew Enables Precision Fan-out Buffering
SPECIFICA TIONS:
0 to 6.5 Gb/s Data Rate
20ps Added Jitter
10ps Channel to Channel Skew
2.5V Power Supply with a 3.3V Option
50ps Output Rise/Fall Time
50
Ω Output Source Termination
100
Ω Input Differential Termination
250mW Per Channel Power Dissipation
100mV – 2400mV Input Signal Range
550mV – 1100mV Programmable Output Swing
VSC3108 BLOCK DIAGRAM:
Programming Interface
PRBS
Generator/Detector
Switch Configuration Register
Switch Core
Y[7:0] VSC3108
A[7:0] VSC3108
RESET
ADDR[5:0]
DATA[3:0]
PRBS_OUT
PRBS_ERR
PRBS_IN
PRBS_CLK
WR
RD


Similar Part No. - VSC3108

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC3139 VITESSE-VSC3139 Datasheet
1Mb / 2P
4.2 Gbps 72 x 72 Asynchronous Crosspoint Switch
VSC3140 VITESSE-VSC3140 Datasheet
165Kb / 2P
3.6Gb/s 144x144 Asynchronous Crosspoint Switch
VSC3144 VITESSE-VSC3144 Datasheet
466Kb / 2P
6.5 Gbps 144 횞 144 Asynchronous Crosspoint Switch
VSC3172 VITESSE-VSC3172 Datasheet
463Kb / 2P
6.5 Gbps 72 횞 72 Asynchronous Crosspoint Switch
More results

Similar Description - VSC3108

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC3004 VITESSE-VSC3004 Datasheet
456Kb / 2P
Crosspoint Switch with Integrated Equalization
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Micrel Semiconductor
SY56023R MICREL-SY56023R Datasheet
508Kb / 12P
Low Voltage 1.2V/1.8V/2.5V CML 2x2 Crosspoint Switch 6.4Gbps with Equalization
SY56023R MICREL-SY56023R_12 Datasheet
499Kb / 12P
Low Voltage 1.2V/1.8V/2.5V CML 2x2 Crosspoint Switch 6.4Gbps with Equalization
logo
Texas Instruments
DS25CP102 TI1-DS25CP102 Datasheet
925Kb / 19P
3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Semtech Corporation
GX3146 SEMTECH-GX3146 Datasheet
1Mb / 46P
Crosspoint Switch with Trace Equalization and Output De-emphasis
GX3190 SEMTECH-GX3190 Datasheet
1Mb / 47P
Crosspoint Switch with Trace Equalization and Output De-emphasis
GX3202 SEMTECH-GX3202 Datasheet
3Mb / 49P
Crosspoint Switch with Trace Equalization and Output De-emphasis
GX3246 SEMTECH-GX3246 Datasheet
1Mb / 47P
Crosspoint Switch with Trace Equalization and Output De-emphasis
logo
Texas Instruments
DS25CP104A TI1-DS25CP104A_15 Datasheet
1Mb / 31P
3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com