Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD20FSX65L2S Datasheet(PDF) 3 Page - StarPower Europe AG

Part # GD20FSX65L2S
Description  650V/20A 6 in one-package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD20FSX65L2S Datasheet(HTML) 3 Page - StarPower Europe AG

  GD20FSX65L2S Datasheet HTML 1Page - StarPower Europe AG GD20FSX65L2S Datasheet HTML 2Page - StarPower Europe AG GD20FSX65L2S Datasheet HTML 3Page - StarPower Europe AG GD20FSX65L2S Datasheet HTML 4Page - StarPower Europe AG GD20FSX65L2S Datasheet HTML 5Page - StarPower Europe AG GD20FSX65L2S Datasheet HTML 6Page - StarPower Europe AG GD20FSX65L2S Datasheet HTML 7Page - StarPower Europe AG GD20FSX65L2S Datasheet HTML 8Page - StarPower Europe AG GD20FSX65L2S Datasheet HTML 9Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
GD20FSX65L2S
IGBT Module
©2020 STARPOWER Semiconductor Ltd.
6/22/2020
3/9
Preliminary
IGBT Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCE(sat)
Collector to Emitter
Saturation Voltage
IC=20A,VGE=15V,
Tj=25
oC
1.45
1.90
V
IC=20A,VGE=15V,
Tj=125
oC
1.60
IC=20A,VGE=15V,
Tj=150
oC
1.70
VGE(th)
Gate-Emitter Threshold
Voltage
IC=0.32mA,VCE=VGE,
Tj=25
oC
5.1
5.8
6.5
V
ICES
Collector Cut-Off
Current
VCE=VCES,VGE=0V,
Tj=25
oC
1.0
mA
IGES
Gate-Emitter Leakage
Current
VGE=VGES,VCE=0V,
Tj=25
oC
400
nA
RGint
Internal Gate Resistance
0
Ω
Cies
Input Capacitance
VCE=25V,f=1MHz,
VGE=0V
2.32
nF
Cres
Reverse Transfer
Capacitance
0.05
nF
QG
Gate Charge
VGE=-15…+15V
0.14
μC
td(on)
Turn-On Delay Time
VCC=300V,IC=20A,
RG=18Ω,VGE=±15V,
Tj=25
oC
15
ns
tr
Rise Time
13
ns
td(off)
Turn-Off Delay Time
96
ns
tf
Fall Time
56
ns
Eon
Turn-On Switching
Loss
0.32
mJ
Eoff
Turn-Off Switching
Loss
0.35
mJ
td(on)
Turn-On Delay Time
VCC=300V,IC=20A,
RG=18Ω,VGE=±15V,
Tj=125
oC
15
ns
tr
Rise Time
16
ns
td(off)
Turn-Off Delay Time
112
ns
tf
Fall Time
76
ns
Eon
Turn-On Switching
Loss
0.44
mJ
Eoff
Turn-Off Switching
Loss
0.45
mJ
td(on)
Turn-On Delay Time
VCC=300V,IC=20A,
RG=18Ω,VGE=±15V,
Tj=150
oC
15
ns
tr
Rise Time
17
ns
td(off)
Turn-Off Delay Time
120
ns
tf
Fall Time
80
ns
Eon
Turn-On Switching
Loss
0.49
mJ
Eoff
Turn-Off Switching
Loss
0.47
mJ
ISC
SC Data
tP≤6μs,VGE=15V,
Tj=150
oC,VCC=360V,
VCEM≤650V
100
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com