Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD20FSX65L4S Datasheet(PDF) 7 Page - StarPower Europe AG

Part # GD20FSX65L4S
Description  650V/20A 6 in one-package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD20FSX65L4S Datasheet(HTML) 7 Page - StarPower Europe AG

  GD20FSX65L4S Datasheet HTML 1Page - StarPower Europe AG GD20FSX65L4S Datasheet HTML 2Page - StarPower Europe AG GD20FSX65L4S Datasheet HTML 3Page - StarPower Europe AG GD20FSX65L4S Datasheet HTML 4Page - StarPower Europe AG GD20FSX65L4S Datasheet HTML 5Page - StarPower Europe AG GD20FSX65L4S Datasheet HTML 6Page - StarPower Europe AG GD20FSX65L4S Datasheet HTML 7Page - StarPower Europe AG GD20FSX65L4S Datasheet HTML 8Page - StarPower Europe AG GD20FSX65L4S Datasheet HTML 9Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
GD20FSX65L4S
IGBT Module
©2018 STARPOWER Semiconductor Ltd.
10/29/2018
7/9
Preliminary
Fig 9. Diode Switching Loss vs. RG
Fig 10. Diode Transient Thermal Impedance
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
50
100
150
200
R
G [Ω]
Erec,Tj=125℃
Erec,Tj=150℃
V
CC=300V
I
F=20A
V
GE=-15V
0.1
1
10
0.001
0.01
0.1
1
10
t [s]
Diode
i:
1
2
3
4
r
i[K/W]:
0.2315 0.4470 1.3821 1.1614
τ
i[s]:
0.0005 0.005
0.05
0.2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com