Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD20FSX65L4SN Datasheet(PDF) 4 Page - StarPower Europe AG

Part # GD20FSX65L4SN
Description  650V/20A 6 in one-package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD20FSX65L4SN Datasheet(HTML) 4 Page - StarPower Europe AG

  GD20FSX65L4SN Datasheet HTML 1Page - StarPower Europe AG GD20FSX65L4SN Datasheet HTML 2Page - StarPower Europe AG GD20FSX65L4SN Datasheet HTML 3Page - StarPower Europe AG GD20FSX65L4SN Datasheet HTML 4Page - StarPower Europe AG GD20FSX65L4SN Datasheet HTML 5Page - StarPower Europe AG GD20FSX65L4SN Datasheet HTML 6Page - StarPower Europe AG GD20FSX65L4SN Datasheet HTML 7Page - StarPower Europe AG GD20FSX65L4SN Datasheet HTML 8Page - StarPower Europe AG GD20FSX65L4SN Datasheet HTML 9Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
GD20FSX65L4SN
IGBT Module
©2024 STARPOWER Semiconductor Ltd.
1/17/2024
4/9
B01
Diode Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VF
Diode Forward
Voltage
IF=20A,VGE=0V,Tvj=25
oC
1.60
2.05
V
IF=20A,VGE=0V,Tvj=125
oC
1.65
IF=20A,VGE=0V,Tvj=150
oC
1.65
Qr
Recovered Charge
VR=300V,IF=20A,
-di/dt=1395A/μs,VGE=-15V,
Ls=45nH,Tvj=25
oC
0.55
μC
IRM
Peak Reverse
Recovery Current
17
A
Erec
Reverse Recovery
Energy
0.09
mJ
Qr
Recovered Charge
VR=300V,IF=20A,
-di/dt=1196A/μs,VGE=-15V,
Ls=45nH,Tvj=125
oC
0.88
μC
IRM
Peak Reverse
Recovery Current
18
A
Erec
Reverse Recovery
Energy
0.16
mJ
Qr
Recovered Charge
VR=300V,IF=20A,
-di/dt=1164A/μs,VGE=-15V,
Ls=45nH,Tvj=150
oC
0.98
μC
IRM
Peak Reverse
Recovery Current
18
A
Erec
Reverse Recovery
Energy
0.18
mJ
NTC Characteristics T
F=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
R25
Rated Resistance
5.0
kΩ
∆R/R
Deviation of R100
Tvj =100
oC,R100=493.3Ω
-5
5
%
P25
Power
Dissipation
20.0
mW
B25/50
B-value
R2=R25exp[B25/50(1/T2-
1/(298.15K))]
3375
K
B25/80
B-value
R2=R25exp[B25/80(1/T2-
1/(298.15K))]
3411
K
B25/100
B-value
R2=R25exp[B25/100(1/T2-
1/(298.15K))]
3433
K
Module Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Min.
Typ.
Max.
Unit
LCE
Stray Inductance
25
nH
RCC’+EE’
Module Lead Resistance,Terminal to Chip
9.50
mΩ
RthJC
Junction-to-Case (per IGBT-inverter)
Junction-to-Case (per Diode-inverter)
1.263
1.899
1.389
2.089
K/W
RthCH
Case-to-Heatsink (per IGBT-inverter)
Case-to-Heatsink (per Diode-inverter)
Case-to-Heatsink (per Module)
0.769
1.157
0.077
K/W
F
Mounting Force Per Clamp
30
50
N
G
Weight of Module
10
g



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com