Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7108 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7108
Description  Quad Signal Conditioner, Octal Signal Conditioner
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7108 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7108 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7108 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VSC7104, VSC7108
VSC7104 – Quad Signal Conditioner, VSC7108 – Octal Signal Conditioner
APPLICA TIONS:
Backplane Signal Enhancement
Wideband Signal Clean-up
Line Driver/receiver
FEA TURES:
High Data Rate Support, up to 6.5 Gbps
Integrated Equalization
Global Programmable Input Signal Equalization (ISE) and
Output Drive Levels
Soft Power-down for Unused Channels
Compact Form Factor
Single Supply Operation
Highly Programmable
Robust Operation Across Voltage and Temperature
Fully Asynchronous Operation
Excellent Crosstalk and Noise Immunity
.
NETWORK PRODUCTS
PB-VSC7104,7108-001
BENEFITS:
Enables Operation at Higher Data Rates and/or Improves Operating Margins
Controls Difficult Signal Integrity Problems
Asynchronous Operation Allows Application Across any Data Format and Rate
Low Skew Enables Precision Fan-out Buffering
SPECIFICA TIONS:
0 to 6.5 Gbps Data Rate
20ps Added Jitter
20ps Channel to Channel Skew
2.5V Power Supply with a 3.3V Option
50ps Output Rise/Fall Time
50
Ω Output Source Termination
100
Ω Input Differential Termination
250mW Per Channel Power Dissipation
100mV – 2400mV Input Signal Range
550mV – 1100mV Programmable Output Swing
VSC7108 BLOCK DIAGRAM:
EQ
EQ
Differential
Input
Input EQ Control
Control I/F
Output Pre-emphasis Control
Differential
Output


Similar Part No. - VSC7108

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7108XVP-01 VITESSE-VSC7108XVP-01 Datasheet
466Kb / 2P
VSC7104 - Quad Signal Conditioner, VSC7108 ??Octal Signal Conditioner
More results

Similar Description - VSC7108

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7108XVP-01 VITESSE-VSC7108XVP-01 Datasheet
466Kb / 2P
VSC7104 - Quad Signal Conditioner, VSC7108 ??Octal Signal Conditioner
logo
PHOENIX CONTACT
2810887 PHOENIX-2810887 Datasheet
309Kb / 11P
Signal conditioner
logo
Festo Corporation.
544216 FESTO-544216 Datasheet
85Kb / 1P
Signal conditioner
544217 FESTO-544217 Datasheet
88Kb / 1P
Signal conditioner
544218 FESTO-544218 Datasheet
87Kb / 1P
Signal conditioner
544219 FESTO-544219 Datasheet
85Kb / 1P
Signal conditioner
544220 FESTO-544220 Datasheet
88Kb / 1P
Signal conditioner
544221 FESTO-544221 Datasheet
88Kb / 1P
Signal conditioner
8035555 FESTO-8035555 Datasheet
109Kb / 2P
Signal conditioner
8035556 FESTO-8035556 Datasheet
110Kb / 2P
Signal conditioner
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com