Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7280 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7280
Description  Dual XAUI - Dual XGMII Octal 0.95 Gbps to 3.25 Gbps Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7280 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7280 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7280 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
The VSC7280 is a Dual XAUI – Dual XGMII
Transceivers tailored for 10 Gigabit Ethernet
(10GbE) and 10 Gigabit Fibre Channel
(10GFC) applications. The feature set and
flexibility of these devices make them
perfectly suited for Backplane and other
Serial Interconnect applications such as Serial Rapid I/O, PCI
Express and XAUI.
With eight channels of serial transmitter/receiver pairs, these
transceivers can deliver a duplex data rate of greater than 40
Gbps. These serial channels can be configured for independent
operation, as two fully 10GbE/10GFC compliant XAUI (10 Gigabit
Attachment Unit Interface) serial buses, or a combination thereof.
The parallel bus is fully XGMII (10 Gigabit Media Independent
Interface) compliant. When independent channel operation is
required, the parallel bus can be configured for either 8- or 10-bit
operation with the ability to enable or bypass the internal 8B/10B
encoders/decoders.
No additional external logic is required for the basic operation of
these devices. However, for flexibility and systems adaptability,
an MDIO (Management Data Input/Output) interface is provided
for internal register access. These registers are MDIO compliant
and allow for monitoring and configuration of special modes for
diagnostics, BIST (Built-In-Self Test), and various control of
special channel features, such as pre-emphasis, cable
equalization, reduced output swing, loopback, signal detection
and XGMII/XAUI port selection.
The flexibility of this device is not only seen in the MDIO register
programmable feature set, but also in a wide range of supported
frequencies. With a serial data rate that can range from 0.95
Gbps to 3.25 Gbps, this device supports multiple communication
applications such as Fibre Channel, InfiniBand, and Ethernet. The
VSC7280 have the functionality to support these common rates
simultaneous with a single external reference clock.
Whether the application is a high-speed backplane, chassis-to-
chassis communication or an optical link, these devices can
provide the flexibility and reliability required in today’s high-end
Data Communication systems.
GENERAL DESCRIPTION:
Dual XAUI – Dual XGMII Octal 0.95 Gbps to 3.25 Gbps Transceiver
VSC7280
2GFC, 1GFC, and 1GbE Simultaneous Operation
APPLICA TIONS:
MODES OF OPERA TION:
The VSC7280 allow for flexibility in multiple systems
environments.
A or
B
Dual Port XAUI/XGMII
Port-to-Port Switch
- Any Combination, A-B ports
• Single Port XGMII-Dual XAUI
- Supervisor and Redundant XAUI
- Link Ready State Diagnostics
XAUI-B
XAUI-A
XGMII-B
XGMII-A
A or
B
•
--
-
XAUI
Retimer
•
-Through
Retimer/Switch
•
-up
XAUI-B
XAUI-A
XAUI
Retimer
XAUI Loop
XAUI
XGMII Bypass
Supervisor
High Speed Signal Clean
-
-
-
XGMII-B
XGMII-A
10 Gigabit Ethernet Port Application
• Driving out-of-box optics or backplane
XENPAK
Optical Module
Backplane
Interconnect
10GE MAC(s),
10GE Switch,
and/or
Switch Fabric(s)
XGMII
XAUI-B
XAUI-A
VSC7280
SerDes
Transceiver
XENPAK
Optical Module
Backplane
Interconnect
10GE MAC(s),
10GE Switch,
and/or
Switch Fabric(s)
10GbE and 10GFC Simultaneous Operation
10GbE
Operation
XAUI-B
XAUI-A
XGMII-B
XGMII-A
10GFC
Operation
2x2.125Gbps
2-lane FC
2-lane FC
4-lane GbE
2x1.06Gbps
4x1.25Gbps
2x2.125G
2x1.06G
4x1.25G
Vitesse, ASIC-Friendly, FibreTimer, TimeStream and Snoop Loop are trademarks of Vitesse Semiconductor Corporation.
All other trademarks or registered trademarks mentioned herein are the property of their respective holders. Vitesse
Semiconductor Corporation ("Vitesse") retains the right to make changes to its products or specifications to improve
performance, reliability or manufacturability. All information in this document, including descriptions of features,
functions, performance, technical specifications and availability, is subject to change without notice at any time.
For more information on Vitesse Products visit the Vitesse web site
at www.vitesse.com or contact Vitesse Sales at (800) VITESSE
or sales@vitesse.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com