Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73005010-252 Datasheet(PDF) 2 Page - Kontron

Part # 73005010-252
Description  Ace Flight™ 4783 Dual MODMAN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

73005010-252 Datasheet(HTML) 2 Page - Kontron

  73005010-252 Datasheet HTML 1Page - Kontron 73005010-252 Datasheet HTML 2Page - Kontron 73005010-252 Datasheet HTML 3Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
www.kontron.com
Ace Flight™ 4783
Product Highlights
Ace Flight™ 4783 MODMAN
Kontron’s AF4783 MODMAN has been designed in accordance
with ARINC 791/792 and has the unique ability to support two
different SATCOM modems without any compromise or fea-
ture limitations. The MODMAN also includes an Intel® Xeon®
6-Core processor, L2+ Managed Ethernet Switch, cellular mo-
dem, ARINC 429 and fixed/removable storage options. The dual
integrated satellite modem approach eliminates the need for
a second MODMAN to be installed onto the aircraft thus re-
moving weight, cost and complexity while still allowing the
aircraft the ability to utilize different satellite operators by
selecting the appropriate modem during flight. Kontron has
designed its Ace Flight™ 4783 MODMAN product family to sup-
port the different modem configurations (Taurus HB & Jupiter 3,
Taurus HB only or Jupiter 3 only). This product line has been
rigorously tested and qualified to DO-160G environmental
conditions for airborne applications.
Ordering Information
Technical Information
FORM FACTOR
4MCU per ARINC 600, air flow-through
Dimensions: 7.77” (197 mm) H x 4.88” (124 mm) W x 15.10” (384 mm) D
SATCOM MODEM
Configuration dependent:
-252: Gilat Taurus HB and Hughes Jupiter 3
-131: Gilat Taurus HB only
-141: Hughes Jupiter 3 only
PROCESSOR / MEMORY
Intel® Xeon® E-2276ML (6x 2.0 GHz), CM246 PCH, GT2
64 GByte DDR4, ECC, RAM
TPM 2.0
ETHERNET SWITCH
L2+ Managed Ethernet Switch
STORAGE
4TB of fixed storage (NVMe)
RF CONNECTIONS
SATCOM: (1) Tx, (1) Rx RF connections
Cellular: (1) Rx/Tx RF (Main)
CELLULAR MODEM
4G/LTE modem with dual SIM slots
ETHERNET PORTS
10 x Ethernet Ports (8 x GbE, 2 x 100BT)
ARINC 429
6x ARINC 429 Rx (fixed), 1x ARINC 429 (Tx/Rx) configurable
OTHER
15x DI, 6x DO, 3x Config, APM, 2x Audio, 1x USB 2.0
FRONT I/O
LEDs: Power, Status, Receive, Transmit
Ethernet (RJ45), USB 3.0/2.0, Mini-Display Port, 2x SIM (cellular), RTC Battery
Serial Interface via USB Type B
SOFTWARE
Ubuntu 20.4 LTS, 64-bit
POWER
115 VAC (360 – 800 Hz) Aircraft Power with 200msec Hold-up
100 W nominal
ENVIRONMENT
Qualified to DO-160G, Line-Fit Ready
WEIGHT
15.8 lbs (7.17 kg)
OPERATING TEMPERATURE
-15 °C to +70 °C
ARTICLE
PART NO.
DESCRIPTION
AF4783 LRU
73005010-131
LRU, AF4783 MODMAN SINGLE MODEM | TAURUS HB
AF4783 LRU
73005010-141
LRU, AF4783 MODMAN SINGLE MODEM | JUPITER 3
AF4783 LRU
73005010-252
LRU, AF4783 MODMAN DUAL MODEM | TAURUS HB & JUPITER 3
AF4783 TRAY, LAB
73005010-501
TRAY & BREAKOUT I/O CABLES, LAB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com