Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36039-0000-R2-4 Datasheet(PDF) 4 Page - Kontron

Part # 36039-0000-R2-4
Description  COM Express® compact Type 6 with Intel Atom® x7000E / x7000RE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

36039-0000-R2-4 Datasheet(HTML) 4 Page - Kontron

  36039-0000-R2-4 Datasheet HTML 1Page - Kontron 36039-0000-R2-4 Datasheet HTML 2Page - Kontron 36039-0000-R2-4 Datasheet HTML 3Page - Kontron 36039-0000-R2-4 Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
COMe-cAS6 (E2)
Global Headquarters
Kontron Europe GmbH
Gutenbergstraße 2
85737 Ismaning, Germany
Tel.: + 49 821 4086-0
info@kontron.com
www.kontron.com
Standard Variants
PART NO.
CPU
SODIMM
ETH PHY
(1GBE OR
2.5GBE)
USB 3.2
(2OR 4)
FLASH
- EMMC
VARIOUS
OP. TEMPERATURE
36039-0000-R1-2
x7211RE
Inband-ECC,
4800MT/s
1GbE
2
No
LPC, LVDS
-40 °C - 85 °C
36039-0000-R2-2
x7213RE
Inband-ECC,
4800MT/s
1GbE
2
No
LPC, LVDS
-40 °C - 85 °C
36039-0000-R2-4
x7433RE
Inband-ECC,
4800MT/s
1GbE
2
No
LPC, LVDS
-40 °C - 85 °C
36039-0000-R2-8
x7835RE
Inband-ECC,
4800MT/s
1GbE
2
No
LPC, LVDS
-40 °C - 85 °C
Please contact your sales representative for other versions
Carrier
Cooling
ARTICLE
PART NO.
DESCRIPTION
COMe EVAL CARRIER2
38116-0000-00-5
COM Express® Evaluation Carrier Type 6
ARTICLE
PART NO.
DESCRIPTION
HSP COMe-cAS6 (E2) THREAD
36039-0000-99-0
Heatspreader for COMe-cAS6 commercial and E2, threaded mounting holes
HSP COMe-cAS6 (E2) THROUGH
36039-0000-99-1
Heatspreader for COMe-cAS6 commercial and E2, through holes
COME ACTIVE UNI COOLER2
(W/O HSP)
36099-0000-99-4
COM Express® Universal Active Cooler for Heatspreader Mounting
(95 x 95 x 14.3) - 90° turnable
COME PASSIVE UNI COOLER2
(W/O HSP
36099-0000-99-5
COM Express® Universal Passive Cooler for Heatspreader Mounting
(95 x 95 x 14.3) - 90° turnable



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com