Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36039-0000-R2-8 Datasheet(PDF) 2 Page - Kontron

Part # 36039-0000-R2-8
Description  COM Express® compact Type 6 with Intel Atom® x7000E / x7000RE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

36039-0000-R2-8 Datasheet(HTML) 2 Page - Kontron

  36039-0000-R2-8 Datasheet HTML 1Page - Kontron 36039-0000-R2-8 Datasheet HTML 2Page - Kontron 36039-0000-R2-8 Datasheet HTML 3Page - Kontron 36039-0000-R2-8 Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.kontron.com
COMe-cAS6 (E2)
Technical Information
COMPLIANCE
COM Express® compact, Pin-out Type 6
DIMENSIONS (H X W)
95 x 95 mm
CPU
Intel Atom® x7000E, x7000RE Series,
For details see table (CPU variants) given below
CHIPSET
Integrated in SOC
MAIN MEMORY
Up to 16 GByte DDR5 4800 MT/s via 1x SODIMM socket (In-Band ECC)
GRAPHICS CONTROLLER
SOC: Intel® HD Gfx Gen 12: LVDS/eDP, 2x DP
ETHERNET CONTROLLER
Intel® i226LM/i226IT
ETHERNET
Up to 2.5 Gb Ethernet with TSN support
STORAGE
2x SATA 6Gb/s
FLASH ONBOARD
eMMC option – up to 256 GByte eMMC TLC
PCI EXPRESS®
4x PCIe lanes: 4x 1 / 2x 2 (PCIe Gen3)
optional 6x PCIe lanes w/o SATA-ports: 2 x2 / 1 x4 + 1 x2 / 2 x1 (PCIe Gen3, max 4 PCIe root ports
optional 6x PCIe lanes with Gen2 switch: 1 x2 / 2 x1 + 1 x2 / 2 x1 (PCIe Gen3)
+ 2 x1 (PCIe Gen2) - onboard i226 connected via PCIe Gen2 lane
DISPLAY
DDI1/DDI2/DDI3: DP++, LVDS: Dual Channel 18/24bit
optional DDI3: VGA
optional eDP instead of LVDS
USB
2x USB 3.2 Gen2 (incl. USB 2.0) + 6x USB 2.0
optional 4x USB3.2 Gen2 w/ add USB-Hub
SERIAL
2x serial interface (RX/TX only)
AUDIO
Intel® High Definition Audio
OTHER FEATURES
SPI, LPC, SMB, Fast I²C, Staged Watchdog, RTC
SPECIAL FEATURES
Industrial grade temperature
FEATURES ON REQUEST
eMMC up to 256 GByte TLC, eDP instead of LVDS, DDI3: VGA
4x USB3.2 w/ add USB-Hub instead of 2x USB 3.2
General Purpose SPI instead of Boot SPI, Trusted Platform module TPM 2.0, de-populated LAN; 4x PCIe lanes w/o
SATA-ports : 4x 1 / 2x 2 / 1x 4; 6x PCIe lanes with PCIe switch: 4x 1 / 2x 2 / 1x 4 + 2x 1 / 1 x 2
POWER MANAGEMENT
ACPI 5.0
POWER SUPPLY
8.5 V – 20 V Wide Range, Single Supply Power
BIOS
AMI Aptio V
OPERATING SYSTEM
Windows® 10, Linux
TEMPERATURE
COMe-cAS6- commercial temperature:
0 °C to +60 °C operating, -30 °C to +85 °C non-operating
COMe-cAS6 E2 - industrial temperature:
-40 °C to +85 °C operating, -40 °C to +85 °C non-operating
HUMIDITY
93% relative Humidity at 40°C, non-condensing (according to IEC 60068-2-78)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com