Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS07 Datasheet(PDF) 2 Page - Same Sky Devices

Part # PS07
Description  PRESSURE SENSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

PS07 Datasheet(HTML) 2 Page - Same Sky Devices

  PS07 Datasheet HTML 1Page - Same Sky Devices PS07 Datasheet HTML 2Page - Same Sky Devices PS07 Datasheet HTML 3Page - Same Sky Devices PS07 Datasheet HTML 4Page - Same Sky Devices PS07 Datasheet HTML 5Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SAME SKY | SERIES: PS07 | DESCRIPTION: PRESSURE SENSOR
date 09/12/2024 | page 2 of 5
sameskydevices.com
BASIC PARAMETERS
parameter
conditions/description
min
typ
max
units
nonlinearity1
-0.3
±0.2
0.3
%FS
hysteresis
-0.05
±0.03
0.05
%FS
repeatability
-0.05
±0.03
0.05
%FS
zero output
-2
±0.2
2
mV
full scale span output
≤35 kPa models
all other models
40
60
90
90
150
150
mV
mV
zero temperature coefficient2
≤10 kPa models
all other models
-2
-1.5
±1.5
±0.75
2
1.5
%FS
%FS
span temperature coefficient2
-1.5
±0.75
1.5
%FS
thermal hysteresis3
-0.075
±0.05
0.075
%FS
long term stability
-0.3
±0.2
0.3
%FS/year
Note:
1. Calculated according to best fit straight line (BFSL) least square method.
2. In the compensated temperature range, refer to 30°C.
3. After passing high and low temperature, return to the reference temperature.
PRESSURE SPECIFICATIONS
pressure range
pressure reference4
overload pressure
burst pressure
0~100 kPa
A
200%FS
500%FS
0~250 kPa
A
200%FS
500%FS
0~400 kPa
A
200%FS
500%FS
0~1.0 MPa
A
200%FS
500%FS
0~1.6 MPa
A, S
200%FS
500%FS
0~2.5 MPa
S
200%FS
500%FS
0~4.0 MPa
S
200%FS
400%FS
0~6.0 MPa
S
200%FS
400%FS
0~10 MPa
S
200%FS
400%FS
0~16 MPa
S
200%FS
400%FS
0~25 MPa
S
150%FS
400%FS
0~40 MPa
S
150%FS
300%FS
0~60 MPa
S
150%FS
300%FS
0~100 MPa
S
150%FS
300%FS
Note:
4. A=absolute pressure (vacuum is zero); S=sealed gauge pressure (calibrated atmospheric pressure is zero).
PART NUMBER KEY
Base Number
PS07- X XXXX P - 6P
Pressure Range:
100K = 100 kPa
250K = 250 kPa
400K = 400 kPa
10M = 1 MPa
16M = 1.6 MPa
25M = 2.5 MPa
40M = 4 MPa
60M = 6 MPa
100M= 10 MPa
160M = 16 MPa
250M = 25 MPa
400M = 40 MPa
600M = 60 MPa
1000M = 100 MPa
Pressure Reference:
A = Absolute
S = Sealed Gauge
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com