Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KLNR30 Datasheet(PDF) 1 Page - Littelfuse

Part # KLNR30
Description  General Purpose Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

KLNR30 Datasheet(HTML) 1 Page - Littelfuse

  KLNR30 Datasheet HTML 1Page - Littelfuse KLNR30 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Purpose Fuses
34
w w w . l i t t e l f u s e . c o m
© 2005 Littelfuse • POWR-GARD™ Products Catalog
KLNR/KLSR Class RK1 Fuses
250/600 VAC • Fast Acting • 1 – 600 Amperes
Specifications
Voltage Ratings:
AC: 250 Volts (KLNR); 600 Volts (KLSR)
DC: 125 Volts (1 – 600A KLNR);
250 Volts (1 – 30A KLSR);
300 Volts (35 – 600A KLSR).
Interrupting Ratings:
AC: 200,000 am­peres rm­s sym­m­etrical
DC: 20,000 am­peres
Ampere Range:
1 – 600 am­peres.
Approvals:
AC: Standard 248-12, Class RK1
UL Listed (File No: E81895)
CSA Certified (File No: LR29862)
DC: Littelfuse self-certified
Ampere Ratings
1
10
40
100
250
2
12
45
110
300
3
15
50
125
350
4
20
60
150
400
5
25
70
175
450
6
30
80
200
500
8
35
90
225
600
Exam­ple part num­ber (series & am­perage): KLNR 200
Recommended Fuse Blocks
LR250 series (for KLNR series fuses)
LR600 series (for KLSR series fuses)
Refer to the Blocks & Holders section of this catalog for additional inform­ation.
KLNR/KLSR series RK1 fuses were the earliest type of current-limiting
fuses developed. Their single-element, silver link design enables them
to provide fast-acting overload and short-circuit protection. When used
to protect inductive loads such as motors, solenoids, and transformers,
KLNR/KLSR series fuses must be greatly oversized to prevent opening
the fuses on harmless in-rush currents. In such applications, KLNR/
KLSR series fuses may only provide short-circuit protection.
We recommend using POWR-PRO® LLNRK/LLSRK series Class RK1,
dual-element, time-delay fuses in all new applications requiring the
current-limiting ability of UL Class RK1 fuses. POWR-PRO LLNRK/
LLSRK series fuses are also recommended in existing applications
where fast-acting RK1 or RK5 fuses have been opening on harmless
system surges such as motor starting currents.
Applications
Resistance heaters
Lighting circuits
Non-inductive loads
Molded case circuit breaker load centers and panelboards have
increased interrupting ratings when series rated with Littelfuse
KLNR/KLSR Class RK1 fuses. Refer to panelboard manufacturer’s
literature for UL Listed combination of fuses and panelboards. Series
ratings up to 200,000 amperes are available.
Safety
• 200,000 A.I.R. — Reliable interruption of all overcurrents up to
200,000 amperes.
• Extremely current-limiting — Stops damaging short-circuit current
faster than any mechanical protective device.
• Fast-acting — Provides fast acting protection to equipment such
as variable speed drives, rectifiers and other equipment containing
surge-sensitive components.
Longer Equipment Life
• Current-limiting design reduces damage to equipment caused by
heating and magnetic effects of short-circuit currents.
Economical
• Extremely current-limiting — often permits use of readily available,
less costly equipment.
• Used as input or output fuses for surge sensitive components such
as variable speed drives and rectifiers, fast acting KLNR/KLSR fuses
may prevent opening of expensive semiconductor fuses protecting
individual components.
Easy To Use
• 200,000 A.I.R. rating minimizes need for short-circuit calculations.
Dimensions
• Refer to FLNR_ID for KLNR dimensions and FLSR_ID for KLSR
dimensions.


Similar Part No. - KLNR30

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KLNR LITTELFUSE-KLNR Datasheet
374Kb / 2P
250/600 Vac
KLNR LITTELFUSE-KLNR_14 Datasheet
374Kb / 2P
250/600 Vac
More results

Similar Description - KLNR30

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KLLU LITTELFUSE-KLLU Datasheet
193Kb / 3P
General Purpose Fuses
LA100P15-1 LITTELFUSE-LA100P15-1 Datasheet
102Kb / 2P
Special Purpose Fuses
LA70QS10-14F LITTELFUSE-LA70QS10-14F_06 Datasheet
98Kb / 1P
Special Purpose Fuses
LA70QS35-4 LITTELFUSE-LA70QS35-4 Datasheet
92Kb / 2P
Special Purpose Fuses
LA50QS35-4 LITTELFUSE-LA50QS35-4 Datasheet
91Kb / 2P
Special Purpose Fuses
logo
List of Unclassifed Man...
FN9260-10-06 ETC2-FN9260-10-06 Datasheet
307Kb / 4P
General Purpose Power Entry Module with Fuses
FN9260-1-06 ETC2-FN9260-1-06 Datasheet
422Kb / 4P
General Purpose Power Entry Module with Fuses
FN9260A-10-06 ETC2-FN9260A-10-06 Datasheet
307Kb / 4P
General Purpose Power Entry Module with Fuses
logo
Cooper Bussmann, Inc.
NON-1 COOPER-NON-1 Datasheet
279Kb / 4P
NON (250V) 1??-600A, General Purpose Fuses
logo
Schaffner International...
FN-9260 SCHAFFNER-FN-9260 Datasheet
699Kb / 6P
General Purpose Power Entry Module with Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com