Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS2ASJ-3 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # FS2ASJ-3
Description  Nch POWER MOSFET HIGH-SPEED SWITCHING USE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FS2ASJ-3 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  FS2ASJ-3 Datasheet HTML 1Page - Powerex Power Semiconductors FS2ASJ-3 Datasheet HTML 2Page - Powerex Power Semiconductors FS2ASJ-3 Datasheet HTML 3Page - Powerex Power Semiconductors FS2ASJ-3 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Feb.1999
FS2ASJ-3
OUTLINE DRAWING
Dimensions in mm
MP-3
MITSUBISHI Nch POWER MOSFET
FS2ASJ-3
HIGH-SPEED SWITCHING USE
APPLICATION
Motor control, Lamp control, Solenoid control
DC-DC converter, etc.
V
V
A
A
A
A
A
W
°C
°C
g
150
±20
2
8
2
2
8
20
–55 ~ +150
–55 ~ +150
0.26
VGS = 0V
VDS = 0V
L = 100
µH
Typical value
Drain-source voltage
Gate-source voltage
Drain current
Drain current (Pulsed)
Avalanche drain current (Pulsed)
Source current
Source current (Pulsed)
Maximum power dissipation
Channel temperature
Storage temperature
Weight
VDSS
VGSS
ID
IDM
IDA
IS
ISM
PD
Tch
Tstg
Symbol
MAXIMUM RATINGS (Tc = 25
°C)
Parameter
Conditions
Ratings
Unit
¡4V DRIVE
¡VDSS ................................................................................ 150V
¡rDS (ON) (MAX) .............................................................. 0.75
¡ID ............................................................................................2A
¡Integrated Fast Recovery Diode (TYP.) ............. 65ns
6.5
2.3
0.9MAX.
2.3
1.0
0.5
± 0.1
0.5
± 0.2
0.8
5.0
± 0.2
A
q GATE
w DRAIN
e SOURCE
r DRAIN
wr
q
qwe
r
e


Similar Part No. - FS2ASJ-3

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS2ASJ-3 MITSUBISHI-FS2ASJ-3 Datasheet
38Kb / 4P
HIGH-SPEED SWITCHING USE
logo
Renesas Technology Corp
FS2ASJ-3 RENESAS-FS2ASJ-3 Datasheet
77Kb / 5P
MITSUBISHI Nch POWER MOSFET
logo
Inchange Semiconductor ...
FS2ASJ-3 ISC-FS2ASJ-3 Datasheet
378Kb / 2P
isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
FS2ASJ-3 RENESAS-FS2ASJ-3_15 Datasheet
98Kb / 7P
HIGH-SPEED SWITCHING USE
More results

Similar Description - FS2ASJ-3

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FK16KM-6 POWEREX-FK16KM-6 Datasheet
62Kb / 5P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FK16VS-6 POWEREX-FK16VS-6 Datasheet
56Kb / 5P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FK18SM-10 POWEREX-FK18SM-10 Datasheet
60Kb / 5P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FK18SM-9 POWEREX-FK18SM-9 Datasheet
59Kb / 5P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FK20SM-6 POWEREX-FK20SM-6 Datasheet
59Kb / 5P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FK7VS-12 POWEREX-FK7VS-12 Datasheet
57Kb / 5P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS100KMJ-03 POWEREX-FS100KMJ-03 Datasheet
47Kb / 4P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS10AS-3 POWEREX-FS10AS-3 Datasheet
42Kb / 4P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS10ASJ-03 POWEREX-FS10ASJ-03 Datasheet
43Kb / 4P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS10ASJ-3 POWEREX-FS10ASJ-3 Datasheet
42Kb / 4P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com