Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2016L100/33 Datasheet(PDF) 2 Page - Littelfuse

Part # 2016L100/33
Description  POLYFUSE짰 Resettable PTCs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2016L100/33 Datasheet(HTML) 2 Page - Littelfuse

  2016L100/33 Datasheet HTML 1Page - Littelfuse 2016L100/33 Datasheet HTML 2Page - Littelfuse 2016L100/33 Datasheet HTML 3Page - Littelfuse 2016L100/33 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.littelfuse.com
©2006 Littelfuse
POLYFUSE® Resettable PTCs
Surface Mount
2016L Series
Specifications are subject to change without notice.
2
Electronics Designers Guide
Ambient Operation Temperature
-40°C
-20°C
0°C
23°C
40°C
50°C
60°C
70°C
85°C
Part Number
Hold Current (A)
2016L030
0.45
0.40
0.35
0.30
0.25
0.23
0.20
0.18
0.14
2016L050
0.93
0.80
0.65
0.50
0.38
0.32
0.25
0.19
0.09
2016L100
1.66
1.47
1.29
1.10
0.91
0.83
0.73
0.64
0.50
2016L100/33
1.66
1.47
1.29
1.10
0.91
0.83
0.73
0.64
0.50
2016L150
2.26
2.00
1.76
1.50
1.24
1.13
1.00
0.87
0.68
2016L200
2.80
2.50
2.19
2.00
1.84
1.74
1.50
1.34
1.14
Temperature Rerating
Temperature Rerating Curve
Average Time Current Curves
A: 2016L050
2016L100
2016L200
B: 2016L030
2016L100/33
2016L150
CURRENT IN AMPERES
0.001
0.010
0.100
1
10
100
1000
10000
100000
1
10
100
1000
0.20
2016L Series
Specifications are subject to change without notice.
Note: 1.00 means the number one with two decimal places.
AKL V3.9 06.05.10
The average time current curves and temperature rerating curve performance is affected
by a number or variables, and these curves provided as guidance only. Customer must
verify the performance in their application.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com