Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7640 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7640
Description  4x 3.125 Gbps VCSEL Transmitter Array and 4x 3.125 Gbps Receiver Arrays with Integrated Limiting Amplifiers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7640 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7640 Datasheet HTML 1Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P ARALLEL ARRA Y DEVICES and CMUs, CDRs, & CONDITIONERS
TRANSPORT PRODUCTS
VSC7650 and VSC7651
4x 3.125 Gbps Receiver Arrays with Integrated Limiting Amplifiers
Features:
Common Cathode Detector Array; CML or PECL Outputs (VSC7650)
Separate Cathode Detector Array; LVDS Outputs (VSC7651)
250 µm Channel Spacing
Sensitivity: –21 dBm Typical (at 850 nm)
High Transimpedance Gain: 70 kΩ
Low Power: 180 mA at +3.3 V Supply
Individual Per Channel Control
LOS Detect
Photocurrent Monitor for Optical Alignment
Photodiode Bias Filter
Available as Bare Die
The VSC7650 and VSC7651 are high-performance, four-channel receiver
arrays designed to operate up to 3.125 Gbps for use in 10 Gbps Very
Short Reach (VSR) parallel module or 10GBASE-LX4 Coarse Wavelength
Division Multiplexing (CWDM) applications. Each channel includes a
bias filter, a transimpedance amplifier, a limiting amplifier, an output
driver, and Loss of Signal (LOS) detect circuitry. Signal monitors for each
channel facilitate optical alignment. The VSC7650 and VSC7651 are
die-level products that are fully tested at the maximum operating speed
to guarantee performance and improve module manufacturing yields.
The VSC7650 and VSC7651 are pin and functional compatible; the
designer has the flexibility to choose the output level version as required
by system architecture and performance.
VSC7640
4x 3.125 Gbps VCSEL Transmitter Array
Features:
Low Power: 130 mA at +3.3 V Supply
Individual Per Channel Control
VCSEL Modulation and Bias Currents
Negative Peaking
Overcurrent Threshold
Digital Serial Control Interface
Temperature and Overcurrent Monitors
AC- or DC-coupled Inputs
Automatic Shutdown for Data Eye Protection
250 µm Channel Spacing
IBIAS < 6.4 mA, 27 µA Resolution
IMOD < 16 mA, 50 µA Resolution
Rise and Fall Times of >50 ps and <110 ps
Available as Bare Die
The VSC7640 is a high-performance, four-channel VCSEL driver array
designed to operate up to 3.125 Gbps for use in 10 Gbps Very Short
Reach (VSR) parallel module applications. This device provides four indi-
vidual VCSEL driver channels, a serial programmable interface tempera-
ture sensor for each channel, a temperature sensor, an overcurrent sen-
sor and control for each channel, and monitoring logic for eye safety shut-
down and power-on reset. The VSC7640 is designed to interface to a
four-channel VCSEL array and to work in conjunction with a microcon-
troller. Unlike other competitive solutions the VSC7640 features a program-
mable negative peaking control to compensate for VCSEL slow tail cur-
rents. The VSC7640 is a die-level product that is fully tested at the maximum
operating speed to guarantee performance and module manufacturing
yields.


Similar Part No. - VSC7640

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7104 VITESSE-VSC7104 Datasheet
461Kb / 2P
Quad Signal Conditioner, Octal Signal Conditioner
VSC7108 VITESSE-VSC7108 Datasheet
461Kb / 2P
Quad Signal Conditioner, Octal Signal Conditioner
VSC7108XVP-01 VITESSE-VSC7108XVP-01 Datasheet
466Kb / 2P
VSC7104 - Quad Signal Conditioner, VSC7108 ??Octal Signal Conditioner
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
More results

Similar Description - VSC7640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK3104SA TI-TLK3104SA Datasheet
549Kb / 40P
QUAD 3.125 Gbps SERIAL TRANSCEIVER
logo
Zarlink Semiconductor I...
ZL60113 ZARLINK-ZL60113 Datasheet
303Kb / 18P
12 x 3.125 Gbps Parallel Fiber Optic Link Transmitter and Receiver
logo
National Semiconductor ...
DS25BR150_0711 NSC-DS25BR150_0711 Datasheet
397Kb / 12P
3.125 Gbps LVDS Buffer
logo
Texas Instruments
DS30BA101 TI1-DS30BA101 Datasheet
691Kb / 9P
3.125 Gbps Differential Buffer
DS25BR150 TI1-DS25BR150_14 Datasheet
791Kb / 15P
3.125 Gbps LVDS Buffer
DS25BR110 TI1-DS25BR110_13 Datasheet
884Kb / 18P
3.125 Gbps LVDS Buffer with Receive Equalization
DS25BR150 TI1-DS25BR150_15 Datasheet
795Kb / 15P
3.125 Gbps LVDS Buffer
DS30BA101 TI1-DS30BA101_13 Datasheet
770Kb / 11P
DS30BA101 3.125 Gbps Differential Buffer
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
2.5 Gbps to 3.125 Gbps TRANSCEIVER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com