Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

600R160-R1 Datasheet(PDF) 5 Page - Littelfuse

Part # 600R160-R1
Description  POLYFUSE짰 Resettable PTCs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

600R160-R1 Datasheet(HTML) 5 Page - Littelfuse

  600R160-R1 Datasheet HTML 1Page - Littelfuse 600R160-R1 Datasheet HTML 2Page - Littelfuse 600R160-R1 Datasheet HTML 3Page - Littelfuse 600R160-R1 Datasheet HTML 4Page - Littelfuse 600R160-R1 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.littelfuse.com
©2006 Littelfuse
600R Series
Specifications are subject to change without notice.

Electronics Designers Guide
POLYFUSE® Resettable PTCs
Radial Leaded
Packaging
Dimensions
B
A
E
D
C
Marking
F
600
150
XXXX
Voltage Rating
Current Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Part Number
A
B
C
D
E
Physical Characteristics
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Lead (dia)
Material
Figure
Max.
Max.
Max.
Max.
Max.
Max.
Min.
Min.
Typ.
Typ.
Inches
mm
600R150
0.53
13.5
0.50
12.6
0.24
6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
1
600R150-RA
0.53
13.5
0.50
12.6
0.24
6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
1
600R150-RB
0.53
13.5
0.50
12.6
0.24
6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
1
600R160
0.63
16
0.50
12.6
0.24
6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
1
600R160-RA
0.63
16
0.50
12.6
0.24
6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
1
600R160-R1
0.63
16
0.50
12.6
0.24
6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
1
Figure 
Part Marking System
B
A
E
D
C
Marking
F
600
150
XXXX
Voltage Rating
Current Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Part Numbering System
R: RADIAL
I HOLD CURRENT CODE (SEE TABLE BELOW)
600 R 160 - RA F
T: PRE-TRIPPED DEVICE (OPTIONAL)
QUANTITY CODE: F=200 U=500
SERIES
PEAK VOLTAGE RATING
Rx: Resistance Range (x = A-Z or 1-9) [not applicable for all parts]
PACKAGING STYLE BLANK: Bulk
R: Tape & Ammo
I
hold
(A)
I
hold
Code
Packaging
Option
Quantity
Quantity &
Packaging Codes
0.15
150
Bulk
200
F
Tape and Ammo
600
ZR
0.16
160
Bulk
200
F
Tape and Ammo
500
UR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com