Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7971 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7971
Description  1 to 4 Gbps Transimpedance Amplifiers with Photocurrent Monitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7971 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7971 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7971 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
The VSC7773, VSC7970, VSC7971, VSC7972, and
VSC7973 are high performance Transimpedance
Amplifiers (TIA) for Ethernet, Fibre Channel and
SONET applications. The VSC7773 support rates
from 1 Gbps to 4.25 Gbps. The other parts support rates up to 2.5
Gbps. They feature 5 k
Ω differential transimpedance and 1.8 GHz
bandwidth with source-terminated differential outputs. All five parts
have a linear current monitor, adding diagnostic capabilities, and
simplifying optical alignment during the manufacturing process. A
space saving filter connection is provide for positive bias to the
photodetector through an on-chip 500
Ω resistor to VCC, allowing for
easy assembly on a TO-46 header.
APPLICA TION DIAGRAM:
GENERAL DESCRIPTION:
1 to 4 Gbps Transimpedance Amplifiers with Photocurrent Monitor
1 to 4 Gbps TIAs
TO-46Receiver
Dice
Monitor
VSC7959
VSC7961
Limiting
Amplifier
VSC7939
IMON
VSC7940
Laser
Driver
CDRs
VSC8123
VSC8221
VSC8222
XCVRs
VSC8142
VSC8245
VSC8147
For more information on Vitesse Products visit the Vitesse web site
at www.vitesse.com or contact Vitesse Sales at (800) VITESSE
or sales@vitesse.com
©2004 Vitesse Semiconductor Corporation
Vitesse, ASIC-Friendly, FibreTimer, TimeStream and Snoop Loop are trademarks of Vitesse Semiconductor Corporation.
All other trademarks or registered trademarks mentioned herein are the property of their respective holders. Vitesse
Semiconductor Corporation ("Vitesse") retains the right to make changes to its products or specifications to improve
performance, reliability or manufacturability. All information in this document, including descriptions of features,
functions, performance, technical specifications and availability, is subject to change without notice at any time.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com