Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7972 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7972
Description  1 to 4 Gbps Transimpedance Amplifiers with Photocurrent Monitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7972 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7972 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7972 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 to 4 Gbps TIAs
BENEFITS:
Source Terminated Differential Outputs With Linear Photocurrent Monitor
Offers Diagnostic Capabilities Without Sacrificing High Signal Integrity
On-chip Filter Provides Positive Bias to the Photodetector, Eliminating
the Need for External Components, Saving Space and Cost
Available in a TO-46 Package, Eliminating Time and Costs Associated
With the Design, Assembly and Test of the Receiver
SPECIFICA TIONS:
Input Noise: 550 nA (rms)
Supply Current: 25 mA
Sensitivity : -23 dBm (long wave) -21.5 dBm (short wave)
Max Input Current: 2.2 mA Peak to Peak Current
Power Dissipation: 82.5 mW
Supply Voltage: 3.3 V
Operating Temperature from -40
°C to 85°C
- VSC7773: TO-46 (with 850nm PIN detector)
- VSC7970: Dice or TO-46 (with 1310nm/1550nm PIN detector)
- VSC7971: Dice or TO-46 (with 1310nm/1550nm PIN detector)
- VSC7972: Dice or TO-46 (with 850nm pin detector)
- VSC7973: Dice or TO-46 (with 850nm pin detector)
BLOCK DIAGRAM (Die):
1 to 4 Gbps Transimpedance Amplifiers with Photocurrent Monitor
PRODUCT F AMIL Y :
VSC7773
VSC7970
VSC7971
VSC7972
VSC7973
APPLICA TIONS:
Gigabit Ethernet Transceivers
Fibre Channel Transceivers (1x, 2x and 4x)
SONET/SDH Transceivers
SONET/SDH Transponders
4.25 Gbps Receiver Optical Sub-Assemblies
FEA TURES:
Single +3.3 V Supply
5 k
Ω Differential Transimpedance
Low Power Consumption for SFP/SFF Applications
Differential Outputs with Linear Current Monitor
Available as Bare Dice or in a 4-pin or 5-pin TO-46 Package
TRANSPORT PRODUCTS
PB-TIAFAMILY-001
50
Ω
500
Ω
VSC7971
+3.3V
0.1
µF
VOUTP
VCC
Outputs need to
be AC-coupled
VOUTN
IMON
0.1
µF
50
Ω
Monitor
FILTER
10pF
IN
GND


Similar Part No. - VSC7972

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7975 VITESSE-VSC7975 Datasheet
449Kb / 2P
1/2/4 Gbps Multirate Transimpedance Amplifier
VSC7977 VITESSE-VSC7977 Datasheet
449Kb / 2P
1/2/4 Gbps Multirate Transimpedance Amplifier
VSC7978 VITESSE-VSC7978 Datasheet
392Kb / 2P
9.9 Gbps - 11.3 Gbps High Gain Transimpedance Amplifier for TO-Can Based ROSA Applications
VSC7979 VITESSE-VSC7979 Datasheet
97Kb / 2P
11.3 Gb/s Transimpedance Amplifiers with Photocurrent Monitor and Input Slicing Adjust
More results

Similar Description - VSC7972

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3793 MAXIM-MAX3793 Datasheet
693Kb / 11P
1Gbps to 4.25Gbps Multirate Transimpedance Amplifier with Photocurrent Monitor
Rev 0; 10/04
logo
Texas Instruments
ONET9901TA TI-ONET9901TA Datasheet
417Kb / 13P
10.7-GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
logo
Zarlink Semiconductor I...
ZL60015 ZARLINK-ZL60015 Datasheet
299Kb / 7P
Optical Receiver. 1310/1550 nm, 2.5 Gbps PIN Pre-amp with Photocurrent Monitor
logo
Vitesse Semiconductor C...
VSC7975 VITESSE-VSC7975 Datasheet
449Kb / 2P
1/2/4 Gbps Multirate Transimpedance Amplifier
VSC7979 VITESSE-VSC7979 Datasheet
97Kb / 2P
11.3 Gb/s Transimpedance Amplifiers with Photocurrent Monitor and Input Slicing Adjust
logo
Texas Instruments
ONET2511TA TI1-ONET2511TA Datasheet
455Kb / 12P
2.5 GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
logo
M/A-COM Technology Solu...
02013-BRF-001-A MA-COM-02013-BRF-001-A Datasheet
151Kb / 2P
3.2 Gbps Transimpedance Amplifier with AGC
02014-BRF-001-A MA-COM-02014-BRF-001-A Datasheet
115Kb / 2P
2.5 Gbps Transimpedance Amplifier with AGC
02015-BRF-001-A MA-COM-02015-BRF-001-A Datasheet
116Kb / 2P
2.5 Gbps Transimpedance Amplifier with AGC
02016-BRF-001-A MA-COM-02016-BRF-001-A Datasheet
152Kb / 2P
1.25 Gbps Transimpedance Amplifier with AGC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com