Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD35FSY120L2S Datasheet(PDF) 3 Page - StarPower Europe AG

Part # GD35FSY120L2S
Description  1200V/35A 6 in one-package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD35FSY120L2S Datasheet(HTML) 3 Page - StarPower Europe AG

  GD35FSY120L2S Datasheet HTML 1Page - StarPower Europe AG GD35FSY120L2S Datasheet HTML 2Page - StarPower Europe AG GD35FSY120L2S Datasheet HTML 3Page - StarPower Europe AG GD35FSY120L2S Datasheet HTML 4Page - StarPower Europe AG GD35FSY120L2S Datasheet HTML 5Page - StarPower Europe AG GD35FSY120L2S Datasheet HTML 6Page - StarPower Europe AG GD35FSY120L2S Datasheet HTML 7Page - StarPower Europe AG GD35FSY120L2S Datasheet HTML 8Page - StarPower Europe AG GD35FSY120L2S Datasheet HTML 9Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
GD35FSY120L2S
IGBT Module
©2016 STARPOWER Semiconductor Ltd.
6/28/2016
3/9
SX0A
IGBT-inverter Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCE(sat)
Collector to Emitter
Saturation Voltage
IC=35A,VGE=15V,
Tj=25
oC
1.70
2.15
V
IC=35A,VGE=15V,
Tj=125
oC
1.95
IC=35A,VGE=15V,
Tj=150
oC
2.00
VGE(th)
Gate-Emitter Threshold
Voltage
IC=0.88mA,VCE=VGE,
Tj=25
oC
5.2
6.0
6.8
V
ICES
Collector Cut-Off
Current
VCE=VCES,VGE=0V,
Tj=25
oC
1.0
mA
IGES
Gate-Emitter Leakage
Current
VGE=VGES,VCE=0V,
Tj=25
oC
400
nA
RGint
Internal Gate Resistance
0
Ω
Cies
Input Capacitance
VCE=25V,f=1MHz,
VGE=0V
2.45
nF
Cres
Reverse Transfer
Capacitance
0.14
nF
QG
Gate Charge
VGE=-15…+15V
0.33
μC
td(on)
Turn-On Delay Time
VCC=600V,IC=35A,
RG=13
Ω,V
GE=±15V,
Tj=25
oC
156
ns
tr
Rise Time
28
ns
td(off)
Turn-Off Delay Time
215
ns
tf
Fall Time
323
ns
Eon
Turn-On Switching
Loss
1.94
mJ
Eoff
Turn-Off Switching
Loss
2.55
mJ
td(on)
Turn-On Delay Time
VCC=600V,IC=35A,
RG=13
Ω,V
GE=±15V,
Tj=125
oC
156
ns
tr
Rise Time
30
ns
td(off)
Turn-Off Delay Time
229
ns
tf
Fall Time
507
ns
Eon
Turn-On Switching
Loss
2.38
mJ
Eoff
Turn-Off Switching
Loss
3.83
mJ
td(on)
Turn-On Delay Time
VCC=600V,IC=35A,
RG=13
Ω,V
GE=±15V,
Tj=150
oC
153
ns
tr
Rise Time
32
ns
td(off)
Turn-Off Delay Time
234
ns
tf
Fall Time
522
ns
Eon
Turn-On Switching
Loss
2.60
mJ
Eoff
Turn-Off Switching
Loss
4.02
mJ
ISC
SC Data
tP
≤10μs,V
GE=15V,
Tj=150
oC,V
CC=900V,
VCEM
≤1200V
140
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com