Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD35PIY120C5SNF Datasheet(PDF) 1 Page - StarPower Europe AG

Part # GD35PIY120C5SNF
Description  1200V/35A PIM in one-package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD35PIY120C5SNF Datasheet(HTML) 1 Page - StarPower Europe AG

  GD35PIY120C5SNF Datasheet HTML 1Page - StarPower Europe AG GD35PIY120C5SNF Datasheet HTML 2Page - StarPower Europe AG GD35PIY120C5SNF Datasheet HTML 3Page - StarPower Europe AG GD35PIY120C5SNF Datasheet HTML 4Page - StarPower Europe AG GD35PIY120C5SNF Datasheet HTML 5Page - StarPower Europe AG GD35PIY120C5SNF Datasheet HTML 6Page - StarPower Europe AG GD35PIY120C5SNF Datasheet HTML 7Page - StarPower Europe AG GD35PIY120C5SNF Datasheet HTML 8Page - StarPower Europe AG GD35PIY120C5SNF Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
GD35PIY120C5SNF
IGBT Module
©2015 STARPOWER Semiconductor Ltd.
12/24/2015
1/13
DX0A
STARPOWER
SEMICONDUCTOR
IGBT
GD35PIY120C5SNF
1200V/35A PIM in one-package
General Description
STARPOWER IGBT Power Module provides ultra
low conduction loss as well as short circuit ruggedness.
They are designed for the applications such as
general inverters and UPS.
Features
Low VCE(sat) Trench IGBT technology
10μs short circuit capability
VCE(sat) with positive temperature coefficient
Maximum junction temperature 175
oC
Low inductance case
Fast & soft reverse recovery anti-parallel FWD
Isolated copper baseplate using DBC technology
PressFIT contact technology
Typical Applications
Inverter for motor drive
AC and DC servo drive amplifier
Uninterruptible power supply
Equivalent Circuit Schematic


Similar Part No. - GD35PIY120C5SNF

ManufacturerPart #DatasheetDescription
logo
StarPower Europe AG
GD35PIY120C5SN STARPOWER-GD35PIY120C5SN Datasheet
352Kb / 13P
1200V/35A PIM in one-package
7/27/2016
More results

Similar Description - GD35PIY120C5SNF

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR35SB120 FUJI-7MBR35SB120 Datasheet
559Kb / 7P
IGBT(1200V/35A/PIM)
7MBR35SD120 FUJI-7MBR35SD120 Datasheet
420Kb / 7P
PIM/Built-in converter with thyristor and brake (S series) 1200V / 35A / PIM
logo
List of Unclassifed Man...
2MBI200S-120 ETC2-2MBI200S-120 Datasheet
499Kb / 4P
1200V / 200A 2 in one-package
logo
Fuji Electric
7MBR35UA120 FUJI-7MBR35UA120 Datasheet
186Kb / 7P
IGBT MODULE (U series) 1200V / 35A / PIM
7MBR35UB120 FUJI-7MBR35UB120 Datasheet
194Kb / 7P
IGBT MODULE (U series) 1200V / 35A / PIM
6MBI35S-140 FUJI-6MBI35S-140 Datasheet
372Kb / 4P
1400V / 35A 6 in one-package
1MBI300S-120 FUJI-1MBI300S-120 Datasheet
477Kb / 4P
1200V / 300A 1 in one-package
logo
Vincotech
V23990-K220-A-P1-14 VINCOTECH-V23990-K220-A-P1-14 Datasheet
177Kb / 16P
2nd Gen. PIM Size 2, 1200V / 35A
logo
MacMic
MMG35CE120XB6TC MACMIC-MMG35CE120XB6TC Datasheet
1Mb / 9P
1200V 35A PIM Module
MMG35HD120XB6TC MACMIC-MMG35HD120XB6TC Datasheet
458Kb / 9P
1200V 35A PIM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com