Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRSL-9115WG Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # TRSL-9115WG
Description  3.3V / 1310 nm / 2.5 Gbps RoHS Compliant SFF LC 2X10 SINGLE-MODE TRANSCEIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRSL-9115WG Datasheet(HTML) 2 Page - Optoway Technology Inc

  TRSL-9115WG Datasheet HTML 1Page - Optoway Technology Inc TRSL-9115WG Datasheet HTML 2Page - Optoway Technology Inc TRSL-9115WG Datasheet HTML 3Page - Optoway Technology Inc TRSL-9115WG Datasheet HTML 4Page - Optoway Technology Inc TRSL-9115WG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Optoway
TRSL-9115WG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2005 V3.0
2
Transmitter Specifications (0
oC < Topr < 70oC, 3.13V < Vcc < 3. 47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Optical Transmit Power
Po
-5
---
0
dBm
1
Output Center Wavelength
λ
1280
1310
1335
nm
Output Spectrum Width
∆λ
---
---
1
nm
-20 dB Width
Side Mode Suppression Ratio
SMSR
30
dB
Extinction Ratio
ER
8.2
---
---
dB
Output Eye
Compliant with Bellcore GR-253-GORE and ITU-T Recommendation G.957
Optical Rise Time
tr
150
ps
20% to 80% Values
Optical Fall Time
tf
150
ps
20% to 80% Values
Relative Intensity Noise
RIN
-120
dB/Hz
Electrical
Power Supply Current
Icc
180
mA
2
Data Input Current – Low
IIL
-350
µA
Data Input Current – High
IIH
350
µA
Differential Input Voltage
VIH - VIL
300
1600
mV
Data Input Voltage – Low
VIL - VCC
-2.0
-1.58
V
3
Data Input Voltage -- High
VIH - VCC
-1.1
-0.74
V
3
TX Disable Input Voltage – Low
TDIS
0
0.5
V
TX Disable Input Voltage – High
TDIS
2.0
Vcc
V
TX Disable Assert Time
TASSERT
10
µs
TX Disable Deassert Time
TDEASSERT
50
µs
Notes: 1. Output power is power coupled into a 9/125
µm single mode fiber.
2. Maximum current is specified at Vcc = Maximum @ maximum temperature.
3. These inputs are compatible with 10K, 10KH and 100K ECL and PECL inputs.
Receiver Specifications (0
oC < Topr < 70oC, 3.13V < Vcc < 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Sensitivity @ 2.488 Gbps
Sen1
---
-18
dBm
1
Sensitivity @ 1.25 Gbps
Sen2
-20
dBm
2
Maximum Input Power
Pin
0
---
dBm
Signal Detect -- Asserted
Pa
---
---
-18
dBm
Transition: low to high
Signal Detect -- Deasserted
Pd
-35
---
---
dBm
Transition: high to low
Signal Detect -- Hysteresis
1.0
---
4.0
dB
Wavelength of Operation
1100
---
1600
nm
Electrical
Power Supply Current
Icc
110
140
mA
Data Output Voltage – Low
VOL - VCC
-2.0
-1.58
V
3
Data Output Voltage – High
VOH - VCC
-1.1
-0.74
V
3
Signal Detect Output Voltage -- Low
VSDL
0
0.8
V
Signal Detect Output Voltage -- High
VSDH
2.0
Vcc+0.3
V
Notes: 1. Minimum sensitivity and saturation levels at BER=1E-10 for a 2
23-1 PRBS.
2. Minimum sensitivity and saturation levels at BER=1E-12 for a 2
7-1 PRBS.
3. These outputs are compatible with 10K, 10KH and 100K ECL and PECL inputs.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com