Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N1711 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N1711
Description  EPITAXIAL PLANAR NPN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N1711 Datasheet(HTML) 1 Page - STMicroelectronics

  2N1711 Datasheet HTML 1Page - STMicroelectronics 2N1711 Datasheet HTML 2Page - STMicroelectronics 2N1711 Datasheet HTML 3Page - STMicroelectronics 2N1711 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2N1711
EPITAXIAL PLANAR NPN
DESCRIPTION
The 2N1711
is a silicon Planar Epitaxial NPN
transistor in Jedec TO-39 metal case. It is
intented for use in high performance amplifier,
oscillator and switching circuits.
The 2N1711 is also used to advantage in
amplifiers where low noise is an important factor.
®
INTERNAL SCHEMATIC DIAGRAM
September 2002
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
75
V
VCER
Collector-Emitter Voltage (RBE
≤ 10Ω)
50
V
VEBO
Emitter-Base Voltage (IC = 0)
7
V
IC
Collector Current
500
mA
Ptot
Total Dissipation at Tamb
≤ 25 oC
at TC
≤ 25 oC
at TC
≤ 100 oC
0.8
3
1.7
W
W
W
Tstg
Storage Temperature
-65 to 175
oC
Tj
Max. Operating Junction Temperature
175
oC
TO-39
1/4


Similar Part No. - 2N1711

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N1711 PHILIPS-2N1711 Datasheet
51Kb / 8P
NPN medium power transistor
1997 May 28
logo
STMicroelectronics
2N1711 STMICROELECTRONICS-2N1711 Datasheet
61Kb / 5P
SWITCHES AND UNIVERSAL AMPLIFIERS
Jan-1989
logo
Boca Semiconductor Corp...
2N1711 BOCA-2N1711 Datasheet
113Kb / 1P
GENERAL PURPOSE TRANSISTOR NPN SILICON
2N1711 BOCA-2N1711 Datasheet
127Kb / 2P
GENERAL PURPOSE TRANSISTOR (NPN SILICON)
logo
Micro Electronics
2N1711 MICRO-ELECTRONICS-2N1711 Datasheet
92Kb / 2P
NPN LISICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - 2N1711

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2102 STMICROELECTRONICS-2N2102 Datasheet
48Kb / 4P
EPITAXIAL PLANAR NPN
Dec-2002
logo
Panasonic Semiconductor
2SD1151 PANASONIC-2SD1151 Datasheet
282Kb / 6P
NPN EPITAXIAL PLANAR
logo
Mitsubishi Electric Sem...
2SC1967 MITSUBISHI-2SC1967 Datasheet
209Kb / 5P
NPN EPITAXIAL PLANAR TYPE
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Panasonic Semiconductor
2SD1304 PANASONIC-2SD1304 Datasheet
179Kb / 5P
Si NPN Epitaxial Planar
logo
List of Unclassifed Man...
2SC563 ETC2-2SC563 Datasheet
43Kb / 1P
Si NPN Epitaxial Planar
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
STMicroelectronics
BC394 STMICROELECTRONICS-BC394_02 Datasheet
621Kb / 5P
EPITAXIAL PLANAR NPN
Dec-2002
2N720A STMICROELECTRONICS-2N720A_02 Datasheet
53Kb / 4P
EPITAXIAL PLANAR NPN
Dec-2002
logo
New Jersey Semi-Conduct...
2N3725A NJSEMI-2N3725A Datasheet
160Kb / 2P
EPITAXIAL PLANAR NPN
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com