Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7402 Datasheet(PDF) 2 Page - Microtune,Inc

Part # MT7402
Description  RF SILICON AND SUBSYSTEMS SOLUTIONSFOR FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROTUNE [Microtune,Inc]
Direct Link  http://www.microtune.com
Logo MICROTUNE - Microtune,Inc

MT7402 Datasheet(HTML) 2 Page - Microtune,Inc

  MT7402 Datasheet HTML 1Page - Microtune,Inc MT7402 Datasheet HTML 2Page - Microtune,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MT7402 HYBRID CAR TV TUNER MODULE
PRODUCT BRIEF
Microtune, Inc., 2201 Tenth Street, Plano, TX 75074, USA
Tel: +1-972-673-1600, Fax: +1-972-673-1602, E-mail: sales@microtune.com, Web site: www.microtune.com
For a detailed list of design centers, sales offices, and sales representatives, visit our Web site at www.microtune.com.
The information in this document is believed to be accurate and reliable. Microtune assumes no responsibility for any consequences arising from the use of this information, nor from any infringement of patents or
the rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or other rights of Microtune. The information in this publication replaces and supersedes
all information previously supplied, and is subject to change without notice. The customer is responsible for assuring that proper design and operating safeguards are observed to minimize inherent and procedural
hazards. Microtune assumes no responsibility for applications assistance or customer product design.
The devices described in this document are not authorized for use in medical, life-support equipment, or any other application involving a potential risk of severe property or environmental damage, personal
injury, or death without prior express written approval of Microtune. Any such use is understood to be entirely at the user’s risk.
Microtune is a registered trademark of Microtune, Inc. MicroTuner, MicroStreamer, VideoCaster, DataCaster, and the Microtune logo are trademarks of Microtune, Inc. All other trademarks belong to their respective
companies.
Microtune’s products are protected by one or more of the following U.S. patents: DE10011662; GB1026825; ES1026825; DE19628727; DE19904588.7; DE348698; FR348698; GB348698; IT348698; DE3821716;
US5,933,946; DE50000802.7; DE552624 and additional patents pending or filed.
Entire contents Copyright © 1996 - 2005 Microtune, Inc.
041105
OPERATING CHARACTERISTICS
PARAMETER
MIN
TYP
MAX
UNIT
5V power supply voltage
Current
160
mA
Voltage
4.75
5
5.25
V
33V power supply voltage
Current
2
mA
Voltage
31.35
33
36.65
V
Temperature range
Operating temperature in slowly
moving air
-20
+75
°C
Storage temperature
-40
+85
°C
INPUT/OUTPUT CHARACTERISTICS
PARAMETER
MIN
TYP
MAX
UNIT
Antenna input (common VHF/UHF)
Input impedance
75
Ω
RF AGC voltage input
Control voltage
0.5
4
V
IF AGC voltage input
Control voltage
0.5
4
V
Address select input (I2C bus)
Voltage
0
5
V
Quantity of selections
4
SCL (I2C bus)
Low voltage
1.5
V
High voltage
2.3
V
Frequency
100
400
kHz
SDA (I2C bus)
Low voltage
1.5
V
High voltage
2.3
V
IF digital output (balanced)
Frequency
36.0
MHz
Bandwidth switchable
7 or 8
MHz
IF analog output (balanced)
Frequency picture carrier
38.9
MHz
MECHANICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
PARAMETER
MIN
TYP
MAX
UNIT
Analog receiving frequency
range (referred to picture
carrier)
VHF low
45.25
154.25
MHz
VHF high
157.25
463.25
MHz
UHF
471.25
863.25
MHz
Digital receiving frequency
range (referred to center
frequnecy)
VHF low
48.5
157.0
MHz
VHF high
160.5
466.0
MHz
UHF
474.0
866.0
MHz
Tuning resolution
Analog mode
62.5
kHz
Digital mode
166.67
kHz
Voltage gain
Analog mode (VHF / UHF)
48 / 47
dB
Digital mode (VHF / UHF)
87 / 87
dB
Noise figure
VHF low / VHF high
5.5 / 4.5
dB
UHF
6
dB
VSWR
2
RF AGC dynamic range
VHF low
55
dB
VHF high
50
dB
UHF
45
dB
IF AGC dynamic range
50
dB
IF rejection
60
dB
Image rejection
VHF low / VHF high
70 / 70
dB
UHF
60
dB
Phase noise (
∆f = 1 kHz)
VHF low
87
-dBc/Hz
VHF high
83
-dBc/Hz
UHF
80
-dBc/Hz
PARAMETER
MEASUREMENT
UNIT
Horizontal housing
Length
53.5
mm
Width
39.8
mm
Height
9.3
mm
MT7402 Block Diagram
Switching
Antenna
Diversity and
Antenna
Amplifier
Analog Demodulation
(Filtering, Audio/Video
Multistandard
Demodulation, Tuner
Diversity, Frequency
Scanning Diversity)
Digital Demodulation
(COFDM Demodulator,
Tuner Diversity, MPEG
Decoder)
Signal
Multiplexer
(Analog/Digital
Blend)
IF Analog
IF Digital
Audio/Video Signal
Audio/Video Signal
Audio/Video Signal
Microprocessor
MT 7402
(up to 4 tuners)
MT7402 PB-00054 — Rev 1.1
April 2005



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com