Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7998 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7998
Description  10.7 Gb/s Transimpedance Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7998 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7998 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7998 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PHYSICAL LAYER PRODUCT
VSC7997, VSC7998
10.7 Gb/s Transimpedance Amplifier
BENEFITS:
High Gain with Low Power
Direct Connection to a Demux without a Post Amplifier
APD or PIN Diode Compatible
APPLICA TIONS:
SONET/SDH Networking
Transponder Modules
DWDM Systems
G.975/709 Forward Error Correction (FEC)
Gigabit Ethernet
Telecommunications Transmission Systems
Test Equipment
FEA TURES:
5KW Differential Transimpedance (VSC7997)
1.4KW Differential Transimpedance (VSC7998)
70mA Typical Supply Current
12pA/rtHz Typical Input Noise Current Density
Adjustable Output Offset
Low Group Delay
500
Ω
V
=0V
CC
+5V
IIN
4.8k
Ω
7.2k
Ω
10k
Ω
FBIN
VEE
10k
Ω
OFFP
OUTP
OUTN
OFFN
VEE = -5.2V
1957
µ
(77.0mil)
1957
µ (77.0mil)
1800
µ (70.9mil)
Top View
Pad 22
GND
Pad 23
GND
Pad 24
GND
Pad 25
IIN
Pad 26
GND
Pad 27
GND
Pad 28
GND
Pad 1
GND
Pad 2
VEE
Pad 3
VEE
Pad 4
VEE
Pad 5
VEE
Pad 6
VEE
Pad 7
GND
Pad 21
GND
Pad 20
FBIN
Pad 19
GND
Pad 18
OFFP
Pad 17
GND
Pad 16
OFFN
Pad 15
GND
Pad 14
GND
Pad 13
GND
Pad 12
OUTP
Pad 11
GND
Pad 10
OUTN
Pad 9
GND
Pad 8
GND
PA D DIAGRAM:
The outputs of the VSC7997 and VSC7998 are linear for inputs up to
250mAp-p and 1000mAp-p respectively. For higher inputs, the output limits at
typically 1000mV differential, increasing the dynamic range of the system by
reducing the possibility of exceeding the input voltage range of the limiting
amplifier or clock and data recovery circuit.
PB-VSC7997/7998-002
OPTOELECTRONIC PRODUCTS


Similar Part No. - VSC7998

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7991 VITESSE-VSC7991 Datasheet
105Kb / 10P
SONET/SDH 10.7Gb/s Electroabsorption Modulator/Laser Diode Driver
VSC7991CD VITESSE-VSC7991CD Datasheet
105Kb / 10P
SONET/SDH 10.7Gb/s Electroabsorption Modulator/Laser Diode Driver
VSC7991X VITESSE-VSC7991X Datasheet
105Kb / 10P
SONET/SDH 10.7Gb/s Electroabsorption Modulator/Laser Diode Driver
VSC7992 VITESSE-VSC7992 Datasheet
459Kb / 2P
10.7 Gb/s RZ or NRZ Laser Modulator Driver
VSC7999 VITESSE-VSC7999 Datasheet
97Kb / 2P
11.3 Gb/s Transimpedance Amplifiers with Photocurrent Monitor and Input Slicing Adjust
More results

Similar Description - VSC7998

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE1020W SIGE-SE1020W Datasheet
272Kb / 7P
1.25 Gb/s Transimpedance Amplifier Product Preview
SE1030W SIGE-SE1030W Datasheet
102Kb / 9P
LightCharger??2.5 Gb/s Transimpedance Amplifier Final
SE1050W SIGE-SE1050W Datasheet
133Kb / 11P
LightCharger??10 Gb/s Transimpedance Amplifier Final
logo
ANADIGICS, Inc
ATA121302D1C ANADIGICS-ATA121302D1C Datasheet
147Kb / 5P
1.25 GB/S TRANSIMPEDANCE AMPLIFIER
REV 0
logo
TriQuint Semiconductor
TGA4805-EPU TRIQUINT-TGA4805-EPU Datasheet
213Kb / 6P
10 GB/s Differential Transimpedance Amplifier
logo
Eudyna Devices Inc
F0100604B EUDYNA-F0100604B Datasheet
1Mb / 9P
10 Gb/s Receiver Transimpedance Amplifier
logo
Texas Instruments
ONET9901TA TI-ONET9901TA Datasheet
417Kb / 13P
10.7-GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
logo
TriQuint Semiconductor
TIA56 TRIQUINT-TIA56_15 Datasheet
259Kb / 1P
43 Gb/s Limiting Transimpedance Amplifier
TIA56A TRIQUINT-TIA56A_15 Datasheet
261Kb / 1P
43 Gb/s Limiting Transimpedance Amplifier with PLD
TGA4861 TRIQUINT-TGA4861 Datasheet
281Kb / 1P
13 Gb/s Linear Transimpedance Amplifier with AGC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com