Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8147 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC8147
Description  2.5G Multi-rate SONET/SDH Transceiver Family
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8147 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC8147 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8147 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information on Vitesse products, visit the Vitesse web site
at www.vitesse.com or contact Vitesse Sales at (800) VITESSE
or sales@vitesse.com
©2003 Vitesse Semiconductor Corporation
2.5G Multi-rate SONET/SDH Transceiver Family
VSC8142, 8145, 8147
The VSC8142, VSC8145 and VSC8147 are
extended multi-rate transceivers with
integrated Clock Recovery Unit (CRU) and Clock
Multiplier Unit (CMU) for use in SONET/SDH,
DWDM, and other optical transport systems.
The devices perform all required serialization
and deserialization functions for OC-48, OC-
12, OC-3, FEC, Gigabit Ethernet, Fibre Channel and FDDI/Fast
Ethernet data rates.
The integrated CRU Phase Locked Loop (PLL) recovers the high-
speed clock from the input Non-Return to Zero (NRZ) data signal.
The integrated CMU PLL multiplies a low-speed reference clock to
provide the high-speed serial line clock for internal logic and output
retiming. Both CRU and CMU can be bypassed to accommodate
rates not supported by the PLLs. The parallel interface incorporates
an on-board FIFO with auto-reset to eliminating interfacetiming
issues. The devices support serial looptiming as well as Facility,
Equipment, and Split loopback modes.
The VSC8142, VSC8145 and VSC8147 exceed the Telecordia and
ITU-T standards for jitter generation, tolerance and transfer
providing ample design margin.
The typical 800mW power
dissipation, along with the thermally-enhance packages, eliminates
the need for external heatsinks and allow the devices to be used in
diverse operating environments.
All device are available in
commercial and industrial temperature ranges.
BLOCK DIAGRAM:
GENERAL DESCRIPTION:
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
BENEFITS:
Full SONET/SDH Jitter Compliance:
- Low Jitter Generation: less than 5mUI (typical)
- High Jitter Tolerance: exceeds 2x the SONET mask
Wide-ranging PLLs that not only Provide Support for the Standard
SONET/SDH Rates, but also for:
- Fibre Channel, 2xFibre Channel
- Gigabit Ethernet
- FEC
- FDDI
- Fast Ethernet
Integrated CRU and CMU can be Bypassed if an External CDR is
Required, (e.g, the All-Rate/Adaptive VSC8123 CDR)
The Order of the MSB and LSB on the Low-speed Interfaces can
be Reversed, Giving the Designer Increased Flexibility When
Laying Out the Board
On-board FIFO Auto-Reset Function Eliminates the Need to use
an External Logic
Loss of Signal Detection on High-speed Data Inputs for Robust
Line Monitoring Support
Automatic Lock to Reference Clock on LOS Detection Provides
Continuous Clocking for Upstream Devices
Integrated High-speed and Low-speed Test Capabilities Provide
System Diagnostic Support
RSDI
RefClk
TSDO
TSCLKO
CRU
CMU
RCLK4
TDI(0:3)
RDO(0:3)
RefClk
TCLK40
TCLK41
FIFO
DEMUX
MUX



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com