Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4007UB Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCF4007UB
Description  DUAL COMPLEMENTARY PAIR PLUS INVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4007UB Datasheet(HTML) 2 Page - STMicroelectronics

  HCF4007UB Datasheet HTML 1Page - STMicroelectronics HCF4007UB Datasheet HTML 2Page - STMicroelectronics HCF4007UB Datasheet HTML 3Page - STMicroelectronics HCF4007UB Datasheet HTML 4Page - STMicroelectronics HCF4007UB Datasheet HTML 5Page - STMicroelectronics HCF4007UB Datasheet HTML 6Page - STMicroelectronics HCF4007UB Datasheet HTML 7Page - STMicroelectronics HCF4007UB Datasheet HTML 8Page - STMicroelectronics HCF4007UB Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HCF4007UB
2/9
INPUT EQUIVALENT CIRCUIT
LOGIC DIAGRAM
PIN DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied.
All voltage values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
PIN N°
SYMBOL
NAME AND FUNCTION
2, 11
SP2,SP3
Source Connections to
2nd and 3rd p-channel
transistors
13, 1
DP1,DP2
Drain Connections from
the 1st and 2nd p-channel
transistors
8, 5
DN1,DN2
Drain Connections from
the 1st and 2nd n-channel
transistors
4, 9
SN2,SN3
Source Connections to
the 2nd and 3rd n-channel
12
DN/P3
Commonconnectionto
the 3rd p-channel and
n-channel transistor
drains
6, 3, 10
G1 to G3
Gate connections to
n-channel and p-channel
of the three transistor
pairs
7
VSS
Negative Supply Voltage
14
VDD
Positive Supply Voltage
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
-0.5 to +22
V
VI
DC Input Voltage
-0.5 to VDD +0.5
V
II
DC Input Current
± 10
mA
PD
Power Dissipation per Package
200
mW
Power Dissipation per Output Transistor
100
mW
Top
Operating Temperature
-55 to +125
°C
Tstg
Storage Temperature
-65 to +150
°C
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
3to 20
V
VI
Input Voltage
0 to VDD
V
Top
Operating Temperature
-55 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com