Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4007UBM1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4007UBM1
Description  DUAL COMPLEMENTARY PAIR PLUS INVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4007UBM1 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4007UBM1 Datasheet HTML 1Page - STMicroelectronics HCF4007UBM1 Datasheet HTML 2Page - STMicroelectronics HCF4007UBM1 Datasheet HTML 3Page - STMicroelectronics HCF4007UBM1 Datasheet HTML 4Page - STMicroelectronics HCF4007UBM1 Datasheet HTML 5Page - STMicroelectronics HCF4007UBM1 Datasheet HTML 6Page - STMicroelectronics HCF4007UBM1 Datasheet HTML 7Page - STMicroelectronics HCF4007UBM1 Datasheet HTML 8Page - STMicroelectronics HCF4007UBM1 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
March 2004
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
MEDIUM SPEED OPERATION
tPD = 30ns (Typ.) AT 10V
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD =18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
DESCRIPTION
The HCF4007UB is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
The HCF4007UB type is comprised of three
n-channel and three p-channel enhancement type
MOS transistors. The transistor elements are
accessible through the package terminals to
provide a convenient means for constructing the
various typical circuits as shown in typical
applications. More complex functions are possible
using multiple packages. Number shown in
parentheses indicate terminals that are connected
together to form the various configuration listed.
HCF4007UB
DUAL COMPLEMENTARY PAIR PLUS INVERTER
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4007UBEY
SOP
HCF4007UBM1
HCF4007UM013TR
DIP
SOP


Similar Part No. - HCF4007UBM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4007UBM1 STMICROELECTRONICS-HCF4007UBM1 Datasheet
309Kb / 14P
DUAL COMPLEMENTARY PAIR PLUS INVERTER
Sep-1988
More results

Similar Description - HCF4007UBM1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB Datasheet
240Kb / 8P
Dual Complementary Pair Plus Inverter
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4007UB STMICROELECTRONICS-HCC4007UB Datasheet
309Kb / 14P
DUAL COMPLEMENTARY PAIR PLUS INVERTER
Sep-1988
logo
Fairchild Semiconductor
CD4007C FAIRCHILD-CD4007C Datasheet
49Kb / 5P
Dual Complementary Pair Plus Inverter
logo
Hitachi Semiconductor
HD14007UB HITACHI-HD14007UB Datasheet
76Kb / 5P
Dual Complementary Pair plus Inverter
logo
Intersil Corporation
CD4007UBMS INTERSIL-CD4007UBMS Datasheet
104Kb / 9P
CMOS Dual Complementary Pair Plus Inverter
November 1994
logo
National Semiconductor ...
CD4007M NSC-CD4007M Datasheet
100Kb / 4P
Dual Complementary Pair Plus Inverter
logo
Texas Instruments
CD4007UBF3A TI-CD4007UBF3A Datasheet
238Kb / 5P
DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
Micro Electronics
MMC4007 MICRO-ELECTRONICS-MMC4007 Datasheet
106Kb / 4P
DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB_06 Datasheet
154Kb / 9P
Dual Complementary Pair Plus Inverter
October, 2006 ??Rev. 8
MC14007UB ONSEMI-MC14007UB_14 Datasheet
121Kb / 7P
Dual Complementary Pair Plus Inverter
July, 2014 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com