Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISU6091 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISU6091
Description  Ultrafast Recovery Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISU6091 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISU6091 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISU6091 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISU6091 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISU6091
eq STTH1210DY
Ultrafast Recovery Diode
www.iscsemi.com
1
DESCRIPTION
· Ultrafast, Soft Recovery
· High Reverse Voltage Capability
· High Junction Temperature
APPLICATIONS
· Switch Mode Power Supply (SMPS)
· Uninterruptible Power Supply (UPS)
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Recurrent Peak Reverse Voltage
1000
V
VRMS
RMS Voltage
1000
V
VDC
DC Blocking Voltage
1000
V
IFAV
Average Forward Rectified Current @Tc=125℃
12
A
IFSM
Surge Non Repetitive Forward Current
tp = 10ms Sinusoidal
80
A
TJ
Junction Temperature
-40~175
℃
Tstg
Storage Temperature Range
-55~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.9
℃
/W


Similar Part No. - ISU6091

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISU6005 ISC-ISU6005 Datasheet
428Kb / 2P
Ultra fast Rectifier
ISU6008 ISC-ISU6008 Datasheet
286Kb / 2P
Ultrafast Recovery Diode
ISU6011 ISC-ISU6011 Datasheet
344Kb / 2P
Ultrafast Recovery Diode
ISU6013 ISC-ISU6013 Datasheet
333Kb / 2P
Ultrafast Recovery Diode
ISU6014 ISC-ISU6014 Datasheet
295Kb / 2P
Ultrafast Recovery Diode
More results

Similar Description - ISU6091

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3R02 STMICROELECTRONICS-STTH3R02 Datasheet
116Kb / 9P
Ultrafast recovery diode
10-Oct-2006
STTH8R04 STMICROELECTRONICS-STTH8R04 Datasheet
157Kb / 11P
Ultrafast recovery diode
11-Mar-2007
logo
Sanken electric
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
FMXA-2153S SANKEN-FMXA-2153S Datasheet
302Kb / 8P
Ultrafast Recovery Diode
FMXA-1106S SANKEN-FMXA-1106S Datasheet
405Kb / 8P
Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
MPL-1036S SANKEN-MPL-1036S Datasheet
247Kb / 5P
Ultrafast Recovery Diode
logo
Inchange Semiconductor ...
DPG60C400HB ISC-DPG60C400HB Datasheet
286Kb / 2P
Ultrafast Recovery Diode
DSEP60-12A ISC-DSEP60-12A Datasheet
429Kb / 2P
Ultrafast Recovery Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com