Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T256Y Datasheet(PDF) 29 Page - STMicroelectronics

Part # M41T256Y
Description  256Kbit (32K x 8) serial RTC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T256Y Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M41T256Y Datasheet HTML 22Page - STMicroelectronics M41T256Y Datasheet HTML 23Page - STMicroelectronics M41T256Y Datasheet HTML 24Page - STMicroelectronics M41T256Y Datasheet HTML 25Page - STMicroelectronics M41T256Y Datasheet HTML 26Page - STMicroelectronics M41T256Y Datasheet HTML 27Page - STMicroelectronics M41T256Y Datasheet HTML 28Page - STMicroelectronics M41T256Y Datasheet HTML 29Page - STMicroelectronics M41T256Y Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
M41T256Y
Revision history
29/30
8
Revision history
Table 15.
Document revision history
Date
Version
Revision Details
February 2002
1.0
First Issue
26-Apr-02
1.1
Addition of “Tamper Event Time-Stamp” text
31-May-02
1.2
Add Sleep Mode, 44-pin with SNAPHAT package (Figure 2, 5, 19, 20;
Table 1, 5, 14, 15, 12, 13).
03-Jul-02
1.3
Modify Crystal Electrical Characteristics table footnotes (Table 9).
12-Jul-02
1.4
Added programmable Sleep Mode information to document (Figure 3, 4,
5, 6; Table 3, 4)
29-Jul-02
1.5
Add “Hatless” to package description (Figure 1,18) and Table 14, 11)
20-Dec-02
2.0
ICC Characteristics changed (Table 8); Document promoted to
“Datasheet”
04-Jan-03
2.1
Add VOL value (Table 8)
26-Mar-03
2.2
Update test condition (Table 10)
15-Jun-04
3.0
Reformatted; add Lead-free information; update characteristics (Figure
14; Table 5, 14)
16-Apr-2007
4
Reformatted document. Updated packaging references that only 44-lead
SNAPHAT available (cover page, Summary, Figure 1, Table 1, Table 13).
Updated Table 9, 10.
09-Nov-2007
5
Added lead-free second level interconnect information to cover page and
Section 6: Package mechanical data; product status “Not for New
Design”; updated Table 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com