Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8558 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC8558
Description  Octal Port 10/100/1000BASE-T and 1000BASE-X PHY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8558 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC8558 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8558 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VSC8558
APPLICA TIONS:
4Dual Media 10/100/1000BASE-T and 1000BASE-X Switches
4Gigabit Ethernet-based SAN, NAS, and MAN Systems
4ATCA™ 3.0 and PICMG™ 2.16 Ethernet Backplane Applications
4Multi-port Fiber to CAT-5 Media Converters
ETHERNET PRODUCTS
PB-VSC8558-001
Octal Port 10/100/1000BASE-T and 1000BASE-X PHY
1.2v
3.3v
SGMII, SerDes
10/100/1000Mbps
Ethernet MAC
10/100/1000Mbps
Ethernet MAC
10/100/1000Mbps
Ethernet MAC
SerDes
Optics / SFP
RJ45+Magnetics
SerDes
Optics / SFP
RJ45+Magnetics
SerDes
Optics / SFP
RJ45+Magnetics
VSC8558
Octal
10/100/1000BASE-T
1000BASE-X
Transceiver
APPLICA T ION DIAGRAM:
FEA TURES:
4Extremely Low Power Consumption of 650mW / port (1000BASE-T
mode) Enables Use of 27mm, 444-pin HS-BGA Package
4Patented, Low EMI Line Driver with Integrated Line Side
Termination Resistors
4Dual, High Performance 1.25 Gbps SerDes
4Auto-Media Sense™ Detects and Configures to Support Copper
or Fiber Media on a Per Port Basis
4Compliant with IEEE 802.3 (10BASE-T, 100BASE-TX, 1000BASE-T,
1000BASE-X) Specifications
4>16kB Jumbo Frame Support In All Speeds with Programmable
Synchronization FIFOs
4Four Programmable Direct Drive LEDs per Port with On-chip
Filtering and Bi-Color LED Support
4Serial LED Interface Option
4Extensive Testability Features (Including Near End, Far End, and Connector
Loopback, and Ethernet Packet Generator with CRC Error Counter)
4Supports Cisco SGMII v1.7 and 1000BASE-X MACs, IEEE 1149.1
JTAG Boundary Scan, and IEEE 1149.6 AC-JTAG
4VeriPHY™ Cable Diagnotistcs
BENEFITS:
4Lowers System Cost, Simplifies System Design, and Enables Single Row,
High Port Density Switches
4Removes 384 Passive Components in 48-port Switch Applications
4Maximizes Receive Jitter Tolerance and Minimizes Transmit Jitter, In
Comparison to Single SerDes Architectures
4Versatile Media Interface Support Enables 10/100/1000BASE-T Fixed
Media Ports, 1000BASE-X SFPs, 1000BASE-T SFPs, 10/100/1000BASE-T
SFPs, or Backplanes to be Connected To a Single Switch Port
4Ensures Seemless Deployment Throughout Copper Networks with Industry's
Highest Tolerance to Noise and Substandard Cabling
4Provides for Maximum Jumbo Frame Sizes in Custom SAN and LAN Systems
4Eliminates External Components and Reduces EMI
4Provides Maximum System Design Flexibility
4Decrease System Development Costs and System Deployment Costs, and
Improve Time-to-Market
4Multiple MAC Interfaces and Extensive JTAG Support Ease Manfacturing
4Enable Network Manufacturers to Simplify Deployment and Improve
Network Management Capabilities of Gigabit Ethernet Links


Similar Part No. - VSC8558

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
VSC8558 PULSE-VSC8558 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - VSC8558

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5488 BOARDCOM-BCM5488 Datasheet
146Kb / 1P
OCTAL-PORT 10/100/1000BASE-T GIGABIT ETHERNET TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC8224 VITESSE-VSC8224 Datasheet
435Kb / 2P
Quad Port 10/100/1000BASE-T and 1000BASE-X PHY with RGMII and RTBI MAC Interfaces
VSC8201 VITESSE-VSC8201 Datasheet
487Kb / 21P
Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
VSC8211 VITESSE-VSC8211 Datasheet
470Kb / 2P
Single Port 10/100/1000BASE-T PHY and 1000BASE-X PHY with SGMII, SerDes, GMII, MII, TBI, RGMII / RTBI MAC Interfaces
VSC8601 VITESSE-VSC8601 Datasheet
460Kb / 2P
10/100/1000BASE-T PHY with RGMII and GMII MAC Interface
VSC8538XHJ VITESSE-VSC8538XHJ Datasheet
252Kb / 2P
Octal Port 10/100/1000BASE-T PHY
logo
Level One
GVT-2000 LVL1-GVT-2000 Datasheet
646Kb / 4P
10/100/1000BASE-T to 1000BASE-X SFP Converter
logo
Vitesse Semiconductor C...
VSC8224HG VITESSE-VSC8224HG Datasheet
695Kb / 2P
Quad Port 10/100/1000BASE-T and 1000BASE-X PHY with RGMII and RTBI MAC Interfaces
logo
OPLINK Communications I...
TRPRG1VA1C000E2G OPLINK-TRPRG1VA1C000E2G Datasheet
271Kb / 6P
1000BASE-T and 10/100/1000BASE-T Copper SFP Transceiver
logo
Microsemi Corporation
VSC8658 MICROSEMI-VSC8658 Datasheet
703Kb / 95P
Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
Revision 4.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com