Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8601 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC8601
Description  10/100/1000BASE-T PHY with RGMII and GMII MAC Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8601 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC8601 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8601 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VSC8601, VSC8641
VPPD-01969
Revision 1.0
RJ45+Magnetics
RGMII
(or GMII,
VSC8641 Only)
Management I/F (MDC / MDIO)
10/100/1000BASE-T MAC,
Switching ASIC,
or Network Processor
25 MHz
3.3 V
VSC8601/
VSC8641
Single PHY
VSC8601 — 10/100/1000BASE-T PHY with RGMII MAC Interface
VSC8641 — 10/100/1000BASE-T PHY with RGMII and GMII MAC Interface
APPLICA TION DIAGRAM:
LOWEST POWER:
Industry’s lowest power consumption 10/100/1000BASE-T PHY at 600 mW
Powered by a single 3.3 V supply by using the optional on-chip switching regulator; eliminates the need for 1.2 V supply
Advanced power management complies with Wake-on-LAN™ and PCI2.2 power requirements
WIDE RANGE OF SUPPORT:
Supports RGMII versions 1.3 and 2.0 (2.5 V, 3.3 V) MAC interface
Supports GMII/MII (2.5 V, 3.3 V) MAC interface (VSC8641)
Compliant with IEEE 802.3 (10BASE-T, 100BASE-TX, 1000BASE-T) specifications
IEEE 1149.1 JTAG boundary scan support for improved reliability
Greater than 10 kB jumbo frame support in all speeds to support custom SAN and LAN systems
Legacy Power-over-Ethernet support, including intelligence for detection and activation
FLEXIBILITY :
Low EMI line driver with integrated line side termination resistors for a better performing design
VeriPHY® cable diagnostics suite provides extensive network cable information such as cable length, termination status, and
open/short fault location
ActiPHY™ power management system with built-in intelligence and saving modes
Suite of test modes, including loopback paths, Ethernet packet generators, and CRC counters to simplify design
Programmable direct drive LEDs (three in VSC8601 and four in VSC8641), which eliminate external components and reduce EMI
APPLICA TIONS:
LAN-on-Motherboards, mobile PCs, and single-port RGMII
applications
Broadband CPE and wireless routers
Gigabit Ethernet SAN, NAS, and MAN systems
iSCSI and TOE applications
Network-enabled devices such as printers, IP phones, and
gaming appliances
ATCA™ 3.0 and PICMG™ 2.16 Ethernet backplane
applications
GE-PON physical media dependent device (VSC8641)


Similar Part No. - VSC8601

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8601 VITESSE-VSC8601 Datasheet
635Kb / 2P
10/100/1000BASE-T PHY with RGMII and GMII MAC Interface
logo
Pulse A Technitrol Comp...
VSC8601 PULSE-VSC8601 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Vitesse Semiconductor C...
VSC8601XKN VITESSE-VSC8601XKN Datasheet
861Kb / 102P
VSC8601 10/100/1000BASE-T PHY with RGMII MAC Interface
More results

Similar Description - VSC8601

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8204 VITESSE-VSC8204 Datasheet
454Kb / 2P
Quad Port 10/100/1000BASE-T PHY with R/GMII, R/TBI Interfaces
VSC8224 VITESSE-VSC8224 Datasheet
435Kb / 2P
Quad Port 10/100/1000BASE-T and 1000BASE-X PHY with RGMII and RTBI MAC Interfaces
VSC8234 VITESSE-VSC8234 Datasheet
432Kb / 2P
10/100/1000BASE-T PHY with SGMII and SerDes MAC Interfaces
VSC8244 VITESSE-VSC8244 Datasheet
433Kb / 2P
Quad Port 10/100/1000BASE-T PHY with RGMII / RTBI MAC Interfaces
VSC8211 VITESSE-VSC8211 Datasheet
470Kb / 2P
Single Port 10/100/1000BASE-T PHY and 1000BASE-X PHY with SGMII, SerDes, GMII, MII, TBI, RGMII / RTBI MAC Interfaces
VSC8601XKN VITESSE-VSC8601XKN Datasheet
861Kb / 102P
VSC8601 10/100/1000BASE-T PHY with RGMII MAC Interface
VSC8641XJF VITESSE-VSC8641XJF Datasheet
635Kb / 2P
10/100/1000BASE-T PHY with RGMII and GMII MAC Interface
VSC8224HG VITESSE-VSC8224HG Datasheet
695Kb / 2P
Quad Port 10/100/1000BASE-T and 1000BASE-X PHY with RGMII and RTBI MAC Interfaces
logo
Microsemi Corporation
VSC8504-01 MICROSEMI-VSC8504-01 Datasheet
1Mb / 136P
Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
VSC8504-02 MICROSEMI-VSC8504-02 Datasheet
1Mb / 131P
Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com