Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9306 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9306
Description  Dual bidirectional I2C-bus and SMBus voltage-level translator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9306 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9306 Datasheet HTML 9Page - NXP Semiconductors PCA9306 Datasheet HTML 10Page - NXP Semiconductors PCA9306 Datasheet HTML 11Page - NXP Semiconductors PCA9306 Datasheet HTML 12Page - NXP Semiconductors PCA9306 Datasheet HTML 13Page - NXP Semiconductors PCA9306 Datasheet HTML 14Page - NXP Semiconductors PCA9306 Datasheet HTML 15Page - NXP Semiconductors PCA9306 Datasheet HTML 16Page - NXP Semiconductors PCA9306 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
PCA9306_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 21 February 2007
13 of 21
NXP Semiconductors
PCA9306
Dual bidirectional I2C-bus and SMBus voltage-level translator
Fig 12. Package outline SOT505-1 (TSSOP8)
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(2)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.05
0.95
0.80
0.45
0.25
0.28
0.15
3.1
2.9
3.1
2.9
0.65
5.1
4.7
0.70
0.35
6
°
0
°
0.1
0.1
0.1
0.94
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.7
0.4
SOT505-1
99-04-09
03-02-18
w M
bp
D
Z
e
0.25
14
8
5
θ
A
A2
A1
Lp
(A3)
detail X
L
HE
E
c
v M A
X
A
y
2.5
5 mm
0
scale
TSSOP8: plastic thin shrink small outline package; 8 leads; body width 3 mm
SOT505-1
1.1
pin 1 index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com