Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD50FSX65L2S Datasheet(PDF) 5 Page - StarPower Europe AG

Part # GD50FSX65L2S
Description  650V/50A 6 in one-package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD50FSX65L2S Datasheet(HTML) 5 Page - StarPower Europe AG

  GD50FSX65L2S Datasheet HTML 1Page - StarPower Europe AG GD50FSX65L2S Datasheet HTML 2Page - StarPower Europe AG GD50FSX65L2S Datasheet HTML 3Page - StarPower Europe AG GD50FSX65L2S Datasheet HTML 4Page - StarPower Europe AG GD50FSX65L2S Datasheet HTML 5Page - StarPower Europe AG GD50FSX65L2S Datasheet HTML 6Page - StarPower Europe AG GD50FSX65L2S Datasheet HTML 7Page - StarPower Europe AG GD50FSX65L2S Datasheet HTML 8Page - StarPower Europe AG GD50FSX65L2S Datasheet HTML 9Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
GD50FSX65L2S
IGBT Module
©2021 STARPOWER Semiconductor Ltd.
2/9/2021
5/9
A01
Fig 1. IGBT Output Characteristics
Fig 2. IGBT Transfer Characteristics
Fig 3. IGBT Switching Loss vs. IC
Fig 4. IGBT Switching Loss vs. RG
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
V
CE [V]
Tj=25℃
Tj=125℃
Tj=150℃
V
GE=15V
0
20
40
60
80
100
5
6
7
8
9
10
11
12
V
GE [V]
Tj=25℃
Tj=125℃
Tj=150℃
V
CE=20V
0
0.5
1
1.5
2
2.5
3
3.5
0
20
40
60
80
100
I
C [A]
Eon,Tj=125℃
Eoff,Tj=125℃
Eon,Tj=150℃
Eoff,Tj=150℃
V
CC=300V
R
G=6.8Ω
V
GE=±15V
0
1
2
3
4
5
6
0
10
20
30
40
50
60
70
R
G [Ω]
Eon,Tj=125℃
Eoff,Tj=125℃
Eon,Tj=150℃
Eoff,Tj=150℃
V
CC=300V
I
C=50A
V
GE=±15V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com