Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD50MLX65F1S Datasheet(PDF) 7 Page - StarPower Europe AG

Part # GD50MLX65F1S
Description  650V/50A in one-package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD50MLX65F1S Datasheet(HTML) 7 Page - StarPower Europe AG

Back Button GD50MLX65F1S Datasheet HTML 3Page - StarPower Europe AG GD50MLX65F1S Datasheet HTML 4Page - StarPower Europe AG GD50MLX65F1S Datasheet HTML 5Page - StarPower Europe AG GD50MLX65F1S Datasheet HTML 6Page - StarPower Europe AG GD50MLX65F1S Datasheet HTML 7Page - StarPower Europe AG GD50MLX65F1S Datasheet HTML 8Page - StarPower Europe AG GD50MLX65F1S Datasheet HTML 9Page - StarPower Europe AG GD50MLX65F1S Datasheet HTML 10Page - StarPower Europe AG GD50MLX65F1S Datasheet HTML 11Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
GD50MLX65F1S
IGBT Module
©2018 STARPOWER Semiconductor Ltd.
10/18/2018
7/11
preliminary
Fig 5. T1-T4 RBSOA
Fig 6. T1-T4 IGBT Transient Thermal Impedance
Fig 7. D1-D4 Diode Forward Characteristics
Fig 8. D1-D4 Diode Switching Loss vs. IF
0
20
40
60
80
100
120
0
150
300
450
600
750
V
CE [V]
Module
R
G=6.8Ω
V
GE=±15V
T
j=150
oC
0.01
0.1
1
0.001
0.01
0.1
1
10
t [s]
IGBT
i:
1
2
3
4
r
i[K/W]:
0.0389 0.0851 0.3544 0.4836
τ
i[s]:
0.0005 0.005
0.05
0.2
0
20
40
60
80
100
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2
V
F [V]
Tj=25℃
Tj=125℃
Tj=150℃
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
20
40
60
80
100
I
F [A]
Erec,Tj=125℃
Erec,Tj=150℃
V
CC=300V
R
G=6.8Ω
V
GE=-15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com