Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD50PIY120C6SN Datasheet(PDF) 9 Page - StarPower Europe AG

Part # GD50PIY120C6SN
Description  1200V/50A PIM in one-package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD50PIY120C6SN Datasheet(HTML) 9 Page - StarPower Europe AG

Back Button GD50PIY120C6SN Datasheet HTML 5Page - StarPower Europe AG GD50PIY120C6SN Datasheet HTML 6Page - StarPower Europe AG GD50PIY120C6SN Datasheet HTML 7Page - StarPower Europe AG GD50PIY120C6SN Datasheet HTML 8Page - StarPower Europe AG GD50PIY120C6SN Datasheet HTML 9Page - StarPower Europe AG GD50PIY120C6SN Datasheet HTML 10Page - StarPower Europe AG GD50PIY120C6SN Datasheet HTML 11Page - StarPower Europe AG GD50PIY120C6SN Datasheet HTML 12Page - StarPower Europe AG GD50PIY120C6SN Datasheet HTML 13Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
GD50PIY120C6SN
IGBT Module
©2016 STARPOWER Semiconductor Ltd.
1/12/2016
9/13
SN0A
Fig 5. IGBT-inverter RBSOA
Fig 6. IGBT-inverter Transient Thermal Impedance
Fig 7. Diode-inverter Forward Characteristics
Fig 8. Diode-inverter Switching Loss vs. IF
0
10
20
30
40
50
60
70
80
90
100
110
0
350
700
1050
1400
V
CE [V]
Module
R
G=15Ω
V
GE=±15V
T
j=150
oC
0.01
0.1
1
0.001
0.01
0.1
1
10
t [s]
IGBT
i:
1
2
3
4
r
i[K/W]:
0.0306 0.1689 0.1640 0.1485
τ
i[s]:
0.01
0.02
0.05
0.1
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
V
F [V]
Tj=25℃
Tj=125℃
Tj=150℃
0
1
2
3
4
5
0
20
40
60
80
100
I
F [A]
Erec Tj=125℃
Erec Tj=150℃
V
CC=600V
R
G=15Ω
V
GE=-15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com