Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI6154 Datasheet(PDF) 1 Page - PLX Technology

Part # PCI6154
Description  Asynchronous FastLane??PCI-to-PCI Bridge
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PCI6154 Datasheet(HTML) 1 Page - PLX Technology

  PCI6154 Datasheet HTML 1Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Asynchronous FastLane™ PCI–to–PCI Bridge
.
Connectivity
64-bit, 33MHz-66MHz
Asynchronous operation
5V signal input tolerance and 5V
signal to 3.3V signal conversions
31mm x 31mm PBGA
1KB FIFO size
PCI Bus Types
Transparent Bridge Function
Support for 9 Bus Masters
Performance
Flow-Thru™ architecture for
higher PCI-to-PCI bridging efficiency
Intel 21154 pin compatible, plus
enhanced features
Independent external clock input option
for secondary port output clocks
Large 1K Byte buffer for efficient
PCI-to-PCI bridging and speed
conversion
9 pairs of REQ/GNT signals support up
to 8 bus masters directly on secondary
bus
EEPROM support for extra register
control
Vital Product Data (VPD)
4 general purpose IO interface
PME D3 wakeup power
PLX Technology, Inc.
870 Maude Ave.
Sunnyvale, CA 94085 USA
Tel: 1-800-759-3735
Tel: 1-408-774-9060
Fax: 1-408-774-2169
Email: info@plxtech.com
Web Site: www.plxtech.com
Adaptive High Performance Asynchronous 66MHz, 64-bit,
PCI–to–PCI Bridge for Servers, Storage, DSP, Telecommunication,
Networking and Embedded Applications
PLX’s FastLane™ PCI 6154 is a 64-Bit PCI-to-PCI bridge designed for high
performance, high availability applications in bus expansions, programmable data
transfer rate control, frequency conversions from slower PCI to faster PCI buses or
from faster PCI to slower PCI buses.
The FastLane PCI 6154 includes sophisticated buffer management and buffer
configuration options designed to provide customizable performance optimization.
Product Ordering Information
Part Number
Description
PCI 6154-xx66BC
PCI 6154 PCI-to-PCI Bridge Chip (PBGA)
Please visit the PLX Web site at http://www.plxtech.com or contact PLX sales at 408-774-9060 for more information.
PCI 6154
Version 1.1 2004
© 2004 PLX Technology, Inc. All rights reserved. PLX and the PLX logo are registered trademarks of PLX Technology, Inc. FastLane is a trademark of PLX Technology, Inc.,
which may be registered in some jurisdiction. All other product names that appear in this material are for identification purposes only and are acknowledged to be trademarks or
registered trademarks of their respective companies. Information supplied by PLX is believed to be accurate and reliable, but PLX Technology, Inc. assumes no responsibility for
any errors that may appear in this material. PLX Technology, Inc. reserves the right, without notice, to make changes in product design or specification.
6154-SIL-PB-P1-1.1
5/04


Similar Part No. - PCI6154

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PCI6150 PLX-PCI6150 Datasheet
167Kb / 1P
Asynchronous PCI-to-PCI Bridge
PCI6150-XX66BC PLX-PCI6150-XX66BC Datasheet
167Kb / 1P
Asynchronous PCI-to-PCI Bridge
PCI6152 PLX-PCI6152 Datasheet
168Kb / 1P
FastLane??PCI-to-PCI Bridge Chips
PCI6152-XX33BC PLX-PCI6152-XX33BC Datasheet
168Kb / 1P
FastLane??PCI-to-PCI Bridge Chips
PCI6152-XX33PC PLX-PCI6152-XX33PC Datasheet
168Kb / 1P
FastLane??PCI-to-PCI Bridge Chips
More results

Similar Description - PCI6154

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI2060 TI-PCI2060 Datasheet
960Kb / 76P
Asynchronous PCI-to-PCI Bridge
logo
PLX Technology
PCI6150 PLX-PCI6150 Datasheet
167Kb / 1P
Asynchronous PCI-to-PCI Bridge
PCI6152 PLX-PCI6152 Datasheet
168Kb / 1P
FastLane??PCI-to-PCI Bridge Chips
PCI6254 PLX-PCI6254 Datasheet
80Kb / 1P
Dual-Mode (Transparent & Non-Transparent) Universal FastLane??PCI -to-PCI Bridge
PCI6350 PLX-PCI6350 Datasheet
883Kb / 2P
Asynchronous 32-bit PCI-to-PCI Bridge
PCI6520 PLX-PCI6520 Datasheet
323Kb / 1P
Transparent FastLane??PCI-X -to- PCI-X Bridge
logo
Pericom Semiconductor C...
PI7C8150B PERICOM-PI7C8150B Datasheet
1Mb / 108P
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8154BNAE PERICOM-PI7C8154BNAE Datasheet
1Mb / 111P
Asynchronous 2-Port PCI-to-PCI Bridge
PI7C8148B PERICOM-PI7C8148B_06 Datasheet
1Mb / 94P
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8150B PERICOM-PI7C8150B_15 Datasheet
1Mb / 107P
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com